Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 491 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 491 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 487Page - Renesas Technology Corp M16C/29 Datasheet HTML 488Page - Renesas Technology Corp M16C/29 Datasheet HTML 489Page - Renesas Technology Corp M16C/29 Datasheet HTML 490Page - Renesas Technology Corp M16C/29 Datasheet HTML 491Page - Renesas Technology Corp M16C/29 Datasheet HTML 492Page - Renesas Technology Corp M16C/29 Datasheet HTML 493Page - Renesas Technology Corp M16C/29 Datasheet HTML 494Page - Renesas Technology Corp M16C/29 Datasheet HTML 495Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 499 page
background image
REVISION HISTORY
M16C/29 Hardware Manual
Rev.
Date
Description
Page
Summary
C-9
214
• Figure 14.31 Transmit and Received Timing in SIM Mode partially modified
217
• 14.2 SI/O3 and SI/O4 Note added
218
• Figure 14.36 S3C and S4C Registers Note 5 is added
• Figure 14.36 S3BRG and S4BRG Registers Note 3 is added
220
• Figure 14.38 Polarity of Transfer Clock figure modified
221
• 14.2.3 Functions for Setting an SOUTi Initial Value Description modified
A/D Converter
222
• Note added
• Table 15.1 A/D Converter Performance Integral Nonlinearity Error modified
224
• Figure 15.2 ADCON2 Registers b2-b1 function modified
227
• Figure 15.5 TB2SC Register Reserved bit map modified
229
• Figure 15.7 ADCON0 to ADCON2 Registers in One-shot Mode ADCON2
register: b2-b1 function modified
231
• Figure 15.9 ADCON0 to ADCON2 Registers in Repeat Mode ADCON2 regis-
ter: b2-b1 function modified
233
• Figure 15.11 ADCON0 to ADCON2 Registers in Single Sweep Mode
ADCON2 register: b2-b1 function modified
235
• Figure 15.13 ADCON0 to ADCON2 Registers in Repeat Sweep Mode 0
ADCON2 register: b2-b1 function modified
237
• Figure 15.15 ADCON0 to ADCON2 Registers in Repeat Sweep Mode 1
ADCON2 register: b2-b1 function modified
239
• Figure 15.17 ADCON0 to ADCON2 Registers in Simultaneous Sample
Sweep Mode
ADCON2 register: b2-b1 function modified
241
• Table 15.10 Delayed Trigger Mode 1 Specifications Note 1 is modified
245
• Figure 15.22 ADCON0 to ADCON2 Registers in Delayed Trigger Mode 0
ADCON2 register: b2-b1 function modified
251
• Figure 15.27 ADCON0 to ADCON2 Registers in Delayed Trigger Mode 1
ADCON2 register: b2-b1 function modified
254
• 15.5 Analog Input Pin and External Sensor Equivalent Circuit Example is
deleted
• 15.5 Output Impedance of Sensor under A/D Conversion is added
• Figure 15.29 Analog Input Pin and External Sensor Equivalent Circuit Note
1 is added
-
• Precaution of Using A/D Converter deleted
Multi-master I2C bus INTERFACE
255
• Table 16.1 Multi-master I2C bus Interface Functions I/O pin added
256
• Figure 16.1 Block Diagram of Multi-master I2C bus Interface Bit name and
register name are modified
257
• Figure 16.2 S0D0 Register Bit map is modified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com