Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 114Page - Renesas Technology Corp M16C/29 Datasheet HTML 115Page - Renesas Technology Corp M16C/29 Datasheet HTML 116Page - Renesas Technology Corp M16C/29 Datasheet HTML 117Page - Renesas Technology Corp M16C/29 Datasheet HTML 118Page - Renesas Technology Corp M16C/29 Datasheet HTML 119Page - Renesas Technology Corp M16C/29 Datasheet HTML 120Page - Renesas Technology Corp M16C/29 Datasheet HTML 121Page - Renesas Technology Corp M16C/29 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 499 page
background image
11. DMAC
p
u
o
r
G
9
2
/
C
6
1
M
page 94
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 11.3 DM1SL Register, DM0CON Register, and DM1CON Registers
DMAi Control Register(i=0,1)
Symbol
Address
After Reset
DM0CON
002C16
00000X002
DM1CON
003C16
00000X002
Bit Name
Function
Bit Symbol
Transfer unit bit select bit
b7
b6 b5 b4 b3 b2 b1 b0
0: 16 bits
1: 8 bits
DMBIT
DMASL
DMAS
DMAE
Repeat transfer mode
select bit
0: Single transfer
1: Repeat transfer
DMA request bit
0: DMA not requested
1: DMA requested
0: Disabled
1: Enabled
0: Fixed
1: Forward
DMA enable bit
Source address direction
select bit (2)
Destination address
direction select bit (2)
0: Fixed
1: Forward
DSD
DAD
Nothing is assigned. If necessary, set to 0. When
read, their contents are 0
NOTES:
1. The DMAS bit can be set to 0 by writing 0 by program (This bit remains unchanged even if 1 is written).
2. At least one of bits DAD and DSD must be set to 0 (address direction fixed).
(1)
DMA1 Request Cause Select Register
Symbol
Address
After Reset
DM1SL
03BA16
0016
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
DMA request cause
select bit
DSEL0
RW
DSEL1
DSEL2
DSEL3
Software DMA
request bit
DSR
DSEL3 to DSEL0 DMS=0(basic cause of request)
DMS=1(extended cause of request)
0 0 0 02
Falling edge of INT1 pin
IC/OC base timer
0 0 0 12
Software trigger
–
0 0 1 02
Timer A0
IC/OC channel 0
0 0 1 12
Timer A1
IC/OC channel 1
0 1 0 02
Timer A2
–
0 1 0 12
Timer A3
SI/O3
0 1 1 02
Timer A4
SI/O4
0 1 1 12
Timer B0
Two edges of INT1
1 0 0 02
Timer B1
–
1 0 0 12
Timer B2
–
1 0 1 02
UART0 transmit
IC/OC channel 2
1 0 1 12
UART0 receive
IC/OC channel 3
1 1 0 02
UART2 transmit
IC/OC channel 4
1 1 0 12
UART2 receive/ACK2
IC/OC channel 5
1 1 1 02
A/D conversion
IC/OC channel 6
1 1 1 12
UART1 receive
IC/OC channel 7
Bit Name
DMA request cause
expansion select bit
DMS
RW
RW
RW
RW
RW
RW
(b5-b4)
RW
RW
RW
RW
RW
RW
RW
(b7-b6)
NOTES:
1. The causes of DMA1 requests can be selected by a combination of DMS bit and bits DSEL3 to DSEL0 in the
manner described below.
Nothing is assigned. If necessary, set
to 0. When read, their contents are 0
A DMA request is generated by
setting this bit to 1 when the DMS bit
is 0 (basic cause) and the DSEL3 to
DSEL0 bits are 00012
(software trigger).
The value of this bit when read is 0
0: Basic cause of request
1: Extended cause of request
Refer to note (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com