Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 115Page - Renesas Technology Corp M16C/29 Datasheet HTML 116Page - Renesas Technology Corp M16C/29 Datasheet HTML 117Page - Renesas Technology Corp M16C/29 Datasheet HTML 118Page - Renesas Technology Corp M16C/29 Datasheet HTML 119Page - Renesas Technology Corp M16C/29 Datasheet HTML 120Page - Renesas Technology Corp M16C/29 Datasheet HTML 121Page - Renesas Technology Corp M16C/29 Datasheet HTML 122Page - Renesas Technology Corp M16C/29 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 499 page
background image
11. DMAC
p
u
o
r
G
9
2
/
C
6
1
M
page 95
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 11.4 SAR0, SAR1, DAR0, DAR1, TCR0, and TCR1 Registers
b7
b0 b7
b0
(b8)
(b15)
Function
Set the transfer count minus 1. The written value is
stored in the DMAi transfer counter reload register,
and when the DMAE bit in the DMiCON register is
set to 1 (DMA enabled) or the DMAi transfer
counter underflows when the DMASL bit in the
DMiCON register is 1 (repeat transfer), the value
of the DMAi transfer counter reload register is
transferred to the DMAi transfer counter.
When read, the DMAi transfer counter is read
Symbol
Address
After Reset
TCR0
002916, 002816
Undefined
TCR1
003916, 003816
Undefined
DMAi Transfer Counter (i = 0, 1)
Setting Range
000016 to FFFF16
b7
(b23)
b3
b0 b7
b0 b7
b0
(b8)
(b16)(b15)
(b19)
Function
RW
Set the source address of transfer
Symbol
Address
After Reset
SAR0
002216 to 002016
Undefined
SAR1
003216 to 003016
Undefined
DMAi Source Pointer (i = 0, 1) (1)
Setting Range
0000016 to FFFFF16
Nothing is assigned. If necessary, set 0. When read, the contents
are 0
Symbol
Address
After Reset
DAR0
002616 to 002416
Undefined
DAR1
003616 to 003416
Undefined
b3
b0 b7
b0 b7
b0
(b8)
(b15)
(b16)
(b19)
Function
Set the destination address of transfer
DMAi Destination Pointer (i = 0, 1)(1)
Setting Range
0000016 to FFFFF16
b7
(b23)
RW
RW
RW
RW
RW
NOTE:
1. If the DSD bit in the DMiCON register is 0 (fixed), this register can only be written to when the DMAE bit in the
DMiCON register is set to 0 (DMA disabled).
If the DSD bit is set to 1 (forward direction), this register can be written to at any time.
If the DSD bit is set to 1 and the DMAE bit is set to 1 (DMA enabled), the DMAi forward address pointer can be
read from this register. Otherwise, the value written to it can be read.
Nothing is assigned. If necessary, set 0. When read, the contents
are 0
NOTE:
1. If the DAD bit in the DMiCON register is 0 (fixed), this register can only be written to when the DMAE bit in the
DMiCON register is set to 0 (DMA disabled).
If the DAD bit is set to 1 (forward direction), this register can be written to at any time.
If the DAD bit is set to 1 and the DMAE bit is set to 1 (DMA enabled), the DMAi forward address pointer can be
read from this register. Otherwise, the value written to it can be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com