Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 117Page - Renesas Technology Corp M16C/29 Datasheet HTML 118Page - Renesas Technology Corp M16C/29 Datasheet HTML 119Page - Renesas Technology Corp M16C/29 Datasheet HTML 120Page - Renesas Technology Corp M16C/29 Datasheet HTML 121Page - Renesas Technology Corp M16C/29 Datasheet HTML 122Page - Renesas Technology Corp M16C/29 Datasheet HTML 123Page - Renesas Technology Corp M16C/29 Datasheet HTML 124Page - Renesas Technology Corp M16C/29 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 499 page
background image
11. DMAC
p
u
o
r
G
9
2
/
C
6
1
M
page 97
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 11.5 Transfer Cycles for Source Read
CPU clock
Address
bus
RD signal
WR signal
Data
bus
CPU use
CPU use
CPU use
CPU use
Source
Source
Destination
Destination
Dummy
cycle
Dummy
cycle
(1) When the transfer unit is 8 or 16 bits and the source of transfer is an even address
Address
bus
RD signal
WR signal
Data
bus
CPU use
CPU use
CPU use
CPU use
Source
Source
Destination
Destination
Dummy
cycle
Dummy
cycle
(3) When the source read cycle under condition (1) has one wait state inserted
Address
bus
RD signal
WR signal
Data
bus
CPU use
CPU use
CPU use
CPU use
Source
Source
Destination
Destination
Dummy
cycle
Dummy
cycle
Source + 1
Source + 1
(2) When the transfer unit is 16 bits and the source address of transfer is an odd address.
Address
bus
RD signal
WR signal
Data
bus
CPU use
CPU use
CPU use
CPU use
Source
Source
Destination
Destination
Dummy
cycle
Dummy
cycle
Source + 1
Source + 1
(4) When the source read cycle under condition (2) has one wait state inserted
NOTE:
1. The same timing changes occur with the respective conditions at the destination as at the source.
CPU clock
CPU clock
CPU clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com