Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 120Page - Renesas Technology Corp M16C/29 Datasheet HTML 121Page - Renesas Technology Corp M16C/29 Datasheet HTML 122Page - Renesas Technology Corp M16C/29 Datasheet HTML 123Page - Renesas Technology Corp M16C/29 Datasheet HTML 124Page - Renesas Technology Corp M16C/29 Datasheet HTML 125Page - Renesas Technology Corp M16C/29 Datasheet HTML 126Page - Renesas Technology Corp M16C/29 Datasheet HTML 127Page - Renesas Technology Corp M16C/29 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 499 page
background image
11. DMAC
p
u
o
r
G
9
2
/
C
6
1
M
page 100
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
11.5 Channel Priority and DMA Transfer Timing
If both DMA0 and DMA1 are enabled and DMA transfer request signals from DMA0 and DMA1 are de-
tected active in the same sampling period (one period from a falling edge to the next falling edge of CPU
clock), the DMAS bit on each channel is set to 1 (DMA requested) at the same time. In this case, the DMA
requests are arbitrated according to the channel priority, DMA0 > DMA1. The following describes DMAC
operation when DMA0 and DMA1 requests are detected active in the same sampling period. Figure 11.6
shows an example of DMA transfer effected by external factors.
DMA0 request having priority is received first to start a transfer when a DMA0 request and DMA1 request
are generated simultanelously. After one DMA0 transfer is completed, a bus arbitration is returned to the
CPU. When the CPU has completed one bus access, a DMA1 transfer starts. After one DMA1 transfer is
completed, the bus arbitration is again returned to the CPU.
In addition, DMA requsts cannot be counted up since each channel has one DMAS bit. Therefore, when
DMA requests, as DMA1 in Figure 11.6 occurs more than one time, the DAMS bit is set to 0 as soon
as getting the bus arbitration. The bus arbitration is returned to the CPU when one transfer is completed.
Figure 11.6 DMA Transfer by External Factors
DMA0
DMA1
DMA0
request bit
DMA1
request bit
CPU
INT0
INT1
Obtainment
of the bus
right
An example where DMA requests for external causes are detected active at the same
CPU clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com