Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 122Page - Renesas Technology Corp M16C/29 Datasheet HTML 123Page - Renesas Technology Corp M16C/29 Datasheet HTML 124Page - Renesas Technology Corp M16C/29 Datasheet HTML 125Page - Renesas Technology Corp M16C/29 Datasheet HTML 126Page - Renesas Technology Corp M16C/29 Datasheet HTML 127Page - Renesas Technology Corp M16C/29 Datasheet HTML 128Page - Renesas Technology Corp M16C/29 Datasheet HTML 129Page - Renesas Technology Corp M16C/29 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 499 page
background image
12. Timer
page 102
p
u
o
r
G
9
2
/
C
6
1
M
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.2. Timer B Configuration
• Event counter mode
• Event counter mode
• Event counter mode
• Timer mode
• Pulse width measuring mode,
pulse period measuring mode
• Timer mode
• Pulse width measuring mode,
pulse period measuring mode
• Timer mode
• Pulse width measuring mode,
pulse period measuring mode
TB0IN
TB1IN
TB2IN
Timer B0
Timer B1
Timer B2
f8 f32 fC32
Timer B0 interrupt
Noise
filter
Noise
filter
Noise
filter
1/32
fC32
XCIN
Reset
Clock prescaler
Timer B2 overflow or underflow ( to Timer A count source)
Timer B1 interrupt
Timer B2 interrupt
1/8
1/4
f8
f32
1/2
f1 or f2
• Main clock
• PLL clock
• On-chip oscillator
clock
Set the CPSR bit in the
CPSRF register to 1
(prescaler reset)
f1
f2 PCLK0 bit = 0
PCLK0 bit = 1
f1 or f2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com