Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 123Page - Renesas Technology Corp M16C/29 Datasheet HTML 124Page - Renesas Technology Corp M16C/29 Datasheet HTML 125Page - Renesas Technology Corp M16C/29 Datasheet HTML 126Page - Renesas Technology Corp M16C/29 Datasheet HTML 127Page - Renesas Technology Corp M16C/29 Datasheet HTML 128Page - Renesas Technology Corp M16C/29 Datasheet HTML 129Page - Renesas Technology Corp M16C/29 Datasheet HTML 130Page - Renesas Technology Corp M16C/29 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 499 page
background image
12. Timer A
page 103
p
u
o
r
G
9
2
/
C
6
1
M
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
12.1 Timer A
Figure 12.3
shows a block diagram of the timer A. Figures 12.4 to 12.6 show registers related to the timer A.
The timer A supports the following four modes. Except in event counter mode, timers A0 to A4 all have the
same function. Use bits TMOD1 to TMOD0 in the TAiMR register (i = 0 to 4) to select the desired mode.
• Timer mode: The timer counts an internal count source.
• Event counter mode: The timer counts pulses from an external device or overflows and underflows of
other timers.
• One-shot timer mode: The timer outputs a pulse only once before it reaches the minimum count 000016.
• Pulse width modulation (PWM) mode: The timer outputs pulses in a given width successively.
Figure 12.4 TA0MR to TA4MR Registers
Figure 12.3 Timer A Block Diagram
TABSR register
Increment/decrement
TAi
Addresses
TAj
TAk
Timer A0 038716 - 038616
Timer A4 Timer A1
Timer A1 038916 - 038816
Timer A0 Timer A2
Timer A2 038B16 - 038A16
Timer A1 Timer A3
Timer A3 038D16 - 038C16
Timer A2 Timer A4
Timer A4 038F16 - 038E16
Timer A3 Timer A0
Always counts down except
in event counter mode
Reload register
Counter
Low-order
8 bits
High-order
8 bits
Clock source
selection
• Timer
(gate function)
• Timer
• One shot
• PWM
f1 or f2
f8
f32
TAiIN
(i = 0 to 4)
TB2 overflow
• Event counter
fC32
Clock selection
TAj overflow
(j = i – 1. however, j = 4 when i = 0)
Pulse output
Toggle flip-flop
TAiOUT
(i = 0 to 4)
Data bus low-order bits
Data bus high-order bits
UDF register
Decrement
TAk overflow
(k = i + 1. however, k = 0 when i = 4)
Polarity
selection
To external
trigger circuit
(1)
(1)
NOTE:
1. Overflow or underflow
Clock selection
Timer Ai Mode Register (i=0 to 4)
Symbol
Address
After Reset
TA0MR to TA4MR
039616 to 039A16 0016
Bit Name
Function
Bit Symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Timer mode
0 1 : Event counter mode
1 0 : One-shot timer mode
1 1 : Pulse width modulation
(PWM) mode
b1 b0
TCK1
MR3
MR2
MR1
TMOD1
MR0
TMOD0
TCK0
Function varies with each
operation mode
Count source select bit
Operation mode select bit
RW
RW
RW
RW
RW
RW
RW
RW
Function varies with each
operation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com