Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 126Page - Renesas Technology Corp M16C/29 Datasheet HTML 127Page - Renesas Technology Corp M16C/29 Datasheet HTML 128Page - Renesas Technology Corp M16C/29 Datasheet HTML 129Page - Renesas Technology Corp M16C/29 Datasheet HTML 130Page - Renesas Technology Corp M16C/29 Datasheet HTML 131Page - Renesas Technology Corp M16C/29 Datasheet HTML 132Page - Renesas Technology Corp M16C/29 Datasheet HTML 133Page - Renesas Technology Corp M16C/29 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 499 page
background image
12. Timer A
p
u
o
r
G
9
2
/
C
6
1
M
page 106
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Item
Specification
Count source
f1, f2, f8, f32, fC32
Count operation
• Decrement
• When the timer underflows, it reloads the reload register contents and continues counting
Divide ratio
1/(n+1)
n: set value of TAi register (i= 0 to 4)
000016 to FFFF16
Count start condition
Set TAiS bit in the TABSR register to 1 (start counting)
Count stop condition
Set TAiS bit to 0 (stop counting)
Interrupt request generation timing Timer underflow
TAiIN pin function
I/O port or gate input
TAiOUT pin function
I/O port or pulse output
Read from timer
Count value can be read by reading TAi register
Write to timer
• When not counting and until the 1st count source is input after counting start
Value written to TAi register is written to both reload register and counter
• When counting (after 1st count source input)
Value written to TAi register is written to only reload register
(Transferred to counter when reloaded next)
Select function
• Gate function
Counting can be started and stopped by an input signal to TAiIN pin
• Pulse output function
Whenever the timer underflows, the output polarity of TAiOUT pin is inverted.
When not counting, the pin outputs a low.
12.1.1 Timer Mode
In timer mode, the timer counts a count source generated internally (see Table 12.1). Figure 12.7 shows
TAiMR register in timer mode.
Table 12.1 Specifications in Timer Mode
Figure 12.7 Timer Ai Mode Register in Timer Mode
NOTE:
1. The port direction bit for the TAi IN pin must be set to 0 ( input mode).
Timer Ai Mode Register (i=0 to 4)
Symbol
Address
After Reset
TA0MR to TA4MR
039616 to 039A16
0016
Bit Name
Function
Bit Symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
Operation mode
select bit
0 0: Timer mode
b1 b0
TMOD1
TMOD0
MR0
Pulse output function
select bit
0: Pulse is not output
(TAiOUT pin is a normal port pin)
1: Pulse is output
(TAiOUT pin is a pulse output pin)
Gate function select bit
0 0:
Gate function not available
0 1:
(TAiIN pin functions as I/O port)
1 0: Counts while input on the TAi IN pin
is low (1)
1 1: Counts while input on the TAi IN pin
is high(1)
b4 b3
MR2
MR1
MR3
Set to 0 in timer mode
0 0: f1 or f2
0 1: f8
1 0: f32
1 1: fC32
b7 b6
TCK1
TCK0
Count source select bit
00
0
RW
RW
RW
RW
RW
RW
RW
RW
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com