Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 130Page - Renesas Technology Corp M16C/29 Datasheet HTML 131Page - Renesas Technology Corp M16C/29 Datasheet HTML 132Page - Renesas Technology Corp M16C/29 Datasheet HTML 133Page - Renesas Technology Corp M16C/29 Datasheet HTML 134Page - Renesas Technology Corp M16C/29 Datasheet HTML 135Page - Renesas Technology Corp M16C/29 Datasheet HTML 136Page - Renesas Technology Corp M16C/29 Datasheet HTML 137Page - Renesas Technology Corp M16C/29 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 499 page
background image
12. Timer A
p
u
o
r
G
9
2
/
C
6
1
M
page 110
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.9 TA2MR to TA4MR Registers in Event Counter Mode (when using two-phase pulse
signal processing with timer A2, A3 or A4)
Timer Ai Mode Register (i=2 to 4)
(When using two-phase pulse signal processing)
Symbol
Address
After Reset
TA2MR to TA4MR
039816 to 039A16
0016
b6 b5 b4 b3 b2 b1 b0
Operation mode select bit
0 1: Event counter mode
b1 b0
TMOD1
TMOD0
MR0
To use two-phase pulse signal processing, set this bit to 0
MR2
MR1
MR3
TCK1
TCK0
01
0
Bit Name
Function
RW
Count operation type
select bit
Two-phase pulse signal
processing operation
select bit (1)(2)
0: Reload type
1: Free-run type
0: Normal processing operation
1: Multiply-by-4 processing operation
0
0
1
To use two-phase pulse signal processing, set this bit to 0
To use two-phase pulse signal processing, set this bit to 1
To use two-phase pulse signal processing, set this bit to 0
Bit Symbol
RW
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. The TCK1 bit is valid for timer A3 mode register. No matter how this bit is set, timers A2 and A4 always operate
in normal processing mode and x4 processing mode, respectively.
2. If two-phase pulse signal processing is desired, following register settings are required:
• Set the TAiP bit in the UDF register to 1 (two-phase pulse signal processing function enabled).
• Set bits TAiTGH and TAiTGL in the TRGSR register to 002 (TAiIN pin input).
• Set the port direction bits for TAiIN and TAiOUT to 0 (input mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com