Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 131Page - Renesas Technology Corp M16C/29 Datasheet HTML 132Page - Renesas Technology Corp M16C/29 Datasheet HTML 133Page - Renesas Technology Corp M16C/29 Datasheet HTML 134Page - Renesas Technology Corp M16C/29 Datasheet HTML 135Page - Renesas Technology Corp M16C/29 Datasheet HTML 136Page - Renesas Technology Corp M16C/29 Datasheet HTML 137Page - Renesas Technology Corp M16C/29 Datasheet HTML 138Page - Renesas Technology Corp M16C/29 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 499 page
background image
12. Timer A
p
u
o
r
G
9
2
/
C
6
1
M
page 111
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
12.1.2.1 Counter Initialization by Two-Phase Pulse Signal Processing
This function initializes the timer count value to 0 by Z-phase (counter initialization) input during two-
phase pulse signal processing.
This function can only be used in timer A3 event counter mode during two-phase pulse signal process-
_______
ing, free-running type, x4 processing, with Z-phase entered from the INT2 pin.
Counter initialization by Z-phase input is enabled by writing 000016 to the TA3 register and setting the
TAZIE bit in ONSF register to 1 (Z-phase input enabled).
Counter initialization is accomplished by detecting Z-phase input edge. The active edge can be cho-
sen to be the rising or falling edge by using the POL bit in the INT2IC register. The Z-phase pulse
_______
width applied to the INT2 pin must be equal to or greater than one clock cycle of the timer A3 count
source.
The counter is initialized at the next count timing after recognizing Z-phase input. Figure 12.10 shows
the relationship between the two-phase pulse (A phase and B phase) and the Z phase.
If timer A3 overflow or underflow coincides with the counter initialization by Z-phase input, a timer A3
interrupt request is generated twice in succession. Do not use the timer A3 interrupt when using this
function.
Figure 12.10 Two-phase Pulse (A phase and B phase) and the Z Phase
m
m+1
1
2
3
4
5
TA3OUT
(A phase)
Count source
TA3IN
(B phase)
Timer A3
INT2
(Z phase)
(1)
Input equal to or greater than one clock cycle
of count source
NOTE:
1. This timing diagram is for the case where the POL bit in the INT2IC register is set to 1 (rising edge).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com