Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 135Page - Renesas Technology Corp M16C/29 Datasheet HTML 136Page - Renesas Technology Corp M16C/29 Datasheet HTML 137Page - Renesas Technology Corp M16C/29 Datasheet HTML 138Page - Renesas Technology Corp M16C/29 Datasheet HTML 139Page - Renesas Technology Corp M16C/29 Datasheet HTML 140Page - Renesas Technology Corp M16C/29 Datasheet HTML 141Page - Renesas Technology Corp M16C/29 Datasheet HTML 142Page - Renesas Technology Corp M16C/29 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 499 page
background image
12. Timer A
p
u
o
r
G
9
2
/
C
6
1
M
page 115
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.12 TAiMR Register in Pulse Width Modulation Mode
Bit Name
Timer Ai Mode Register (i= 0 to 4)
Symbol
Address
After Reset
TA0MR to TA4MR
039616 to 039A16 0016
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
b1 b0
1 1: PWM mode
TMOD1
TMOD0
MR0
MR2
MR1
MR3
TCK1
TCK0
Count source select bit
RW
11
0: Functions as a 16-bit pulse width modulator
1: Functions as an 8-bit pulse width modulator
Trigger select bit
External trigger select bit (1)
RW
RW
RW
RW
RW
RW
RW
RW
0: Write 1 to TAiS bit in the TASF register
1: Selected by bits TAiTGH to TAiTGL
NOTES:
1. Effective when bits TAiTGH and TAiTGL in the ONSF or TRGSR register are 002 (TAiIN pin input).
2. The port direction bit for the TAiIN pin must be set to 0 ( input mode).
16/8-bit PWM mode
select bit
Pulse output funcion
select bit
Operation mode select bit
0: Falling edge of input signal to TAiIN pin(2)
1: Rising edge of input signal to TAiIN pin(2)
b7 b6
0 0: f1 or f2
0 1: f8
1 0: f32
1 1: fC32
0: Pulse is not output (TAiOUT pin functions as I/O
port)
1: Pulse is output (TAiOUT pin functions as a pulse
output pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com