Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 138Page - Renesas Technology Corp M16C/29 Datasheet HTML 139Page - Renesas Technology Corp M16C/29 Datasheet HTML 140Page - Renesas Technology Corp M16C/29 Datasheet HTML 141Page - Renesas Technology Corp M16C/29 Datasheet HTML 142Page - Renesas Technology Corp M16C/29 Datasheet HTML 143Page - Renesas Technology Corp M16C/29 Datasheet HTML 144Page - Renesas Technology Corp M16C/29 Datasheet HTML 145Page - Renesas Technology Corp M16C/29 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 499 page
background image
12. Timer B
p
u
o
r
G
9
2
/
C
6
1
M
page 118
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.17 TB0 to TB2 Registers, TABSR Register, CPSRF Register
Symbol
Address
After Reset
TABSR
038016
0016
Count Start Flag
Bit Name
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
Timer B2 count start flag
Timer B1 count start flag
Timer B0 count start flag
Timer A4 count start flag
Timer A3 count start flag
Timer A2 count start flag
Timer A1 count start flag
Timer A0 count start flag
0: Stops counting
1: Starts counting
TB2S
TB1S
TB0S
TA4S
TA3S
TA2S
TA1S
TA0S
Function
RW
RW
RW
RW
RW
RW
RW
RW
RW
Symbol
Address
After Reset
CPSRF
038116
0XXXXXXX16
Clock Prescaler Reset flag
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
Clock prescaler reset flag
CPSR
Nothing is assigned. If necessary, set to 0. When read, the
contents are undefined
RW
RW
(b6-b0)
Setting this bit to 1 initializes the
prescaler for the timekeeping clock.
(When read, the value of this bit is 0)
Symbol
Address
After Reset
TB0
039116, 039016
Undefined
TB1
039316, 039216
Undefined
TB2
039516, 039416
Undefined
b7
b0 b7
b0
(b15)
(
b8)
Timer Bi Register (i=0 to 2)(1)
RW
Measures a pulse period or width
Function
RW
RW
RO
NOTES:
1.The register must be accessed in 16 bit units.
2. The timer counts pulses from an external device or overflows or underflows of other timers.
3. When this mode is used combining delayed trigger mode 0, set the larger value than the
value in the timer B0 register to the timer B1 register.
Divide the count source by n + 1
where n = set value
Timer mode
Event counter
mode
000016 to FFFF16
Divide the count source by n + 1
where n = set value (2)
000016 to FFFF16
Pulse period
modulation mode,
Pulse width
modulation mode
Mode
Setting Rrange
A/D trigger
mode (3)
Divide the count source by n + 1 where
n = set value and cause the timer stop
RW
000016 to FFFF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com