Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 139Page - Renesas Technology Corp M16C/29 Datasheet HTML 140Page - Renesas Technology Corp M16C/29 Datasheet HTML 141Page - Renesas Technology Corp M16C/29 Datasheet HTML 142Page - Renesas Technology Corp M16C/29 Datasheet HTML 143Page - Renesas Technology Corp M16C/29 Datasheet HTML 144Page - Renesas Technology Corp M16C/29 Datasheet HTML 145Page - Renesas Technology Corp M16C/29 Datasheet HTML 146Page - Renesas Technology Corp M16C/29 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 499 page
background image
12. Timer B
p
u
o
r
G
9
2
/
C
6
1
M
page 119
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Item
Specification
Count source
f1, f2, f8, f32, fC32
Count operation
• Decrement
• When the timer underflows, it reloads the reload register contents and
continues counting
Divide ratio
1/(n+1)
n: set value of TBi register (i= 0 to 2)
000016 to FFFF16
Count start condition
Set TBiS bit(1) to 1 (start counting)
Count stop condition
Set TBiS bit to 0 (stop counting)
Interrupt request generation timing Timer underflow
TBiIN pin function
I/O port
Read from timer
Count value can be read by reading TBi register
Write to timer
• When not counting and until the 1st count source is input after counting start
Value written to TBi register is written to both reload register and counter
• When counting (after 1st count source input)
Value written to TBi register is written to only reload register
(Transferred to counter when reloaded next)
NOTE:
1. Bits TB0S to TB2S are assigned to the bit 7 to bit 5 in the TABSR register.
12.2.1 Timer Mode
In timer mode, the timer counts a count source generated internally (see Table 12.6). Figure 12.18
shows TBiMR register in timer mode.
Table 12.6 Specifications in Timer Mode
Figure 12.18 TBiMR Register in Timer Mode
Timer Bi Mode Register (i= 0 to 2)
Symbol
Address
After Reset
TB0MR to TB2MR
039B16 to 039D16
00XX00002
Bit Name
Function
Bit Symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
Operation mode select bit
0 0: Timer mode or A/D trigger mode
b1 b0
TMOD1
TMOD0
MR0
No effect in timer mode
Can be set to 0 or 1
MR2
MR1
MR3
0 0: f1 or f2
0 1: f8
1 0: f32
1 1: fC32
TCK1
TCK0
Count source select bit
0
0
TB0MR register
Set to 0 in timer mode
b7 b6
RW
RW
RW
RW
RW
RW
RW
RO
TB1MR, TB2MR registers
Nothing is assigned. If necessary, set to 0. When read, its
content is undefined
When write in timer mode, set to 0. When read in timer mode, its
content is undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com