Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 137Page - Renesas Technology Corp M16C/29 Datasheet HTML 138Page - Renesas Technology Corp M16C/29 Datasheet HTML 139Page - Renesas Technology Corp M16C/29 Datasheet HTML 140Page - Renesas Technology Corp M16C/29 Datasheet HTML 141Page - Renesas Technology Corp M16C/29 Datasheet HTML 142Page - Renesas Technology Corp M16C/29 Datasheet HTML 143Page - Renesas Technology Corp M16C/29 Datasheet HTML 144Page - Renesas Technology Corp M16C/29 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 499 page
background image
12. Timer B
p
u
o
r
G
9
2
/
C
6
1
M
page 117
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
12.2 Timer B
Figure 12.15
shows a block diagram of the timer B. Figures 12.16 and 12.17 show registers related to the
timer B.
Timer B supports the following four modes. Use bits TMOD1 and TMOD0 in the TBiMR register (i = 0 to 2)
to select the desired mode.
• Timer mode: The timer counts the internal count source.
• Event counter mode: The timer counts the external pulses or overflows and underflows of other timers.
• Pulse period/pulse width measurement mode: The timer measures the pulse period or pulse width of
external signal.
• A/D trigger mode: The timer starts counting by one trigger until the count value becomes 000016.
This mode is used together with simultaneous sample sweep mode or delayed trigger mode 0 of A/D
converter to start A/D conversion.
Figure 12.15 Timer B Block Diagram
Figure 12.16 TB0MR to TB2MR Registers
Clock source selection
• Event counter
Reload register
Low-order 8 bits
High-order 8 bits
Data bus low-order bits
Data bus high-order bits
f8
TABSR register
Polarity switching,
edge pulse
Counter reset circuit
Counter
Clock selection
• Timer mode
• Pulse period/, pulse width measuring mode
• A/D trigger mode
f1 or f2
fC32
f32
TBj overflow (1)
(j = i – 1, except j = 2 if i = 0)
Can be selected in
onlyevent counter mode
TBiIN
(i = 0 to 2)
NOTE:
1. Overflow or underflow.
TBi
Address
TBj
Timer B0
039116 - 039016
Timer B2
Timer B1
039316 - 039216
Timer B0
Timer B2
039516 - 039416
Timer B1
Timer Bi Mode Register (i=0 to 2)
Symbol
After Reset
TB0MR to TB2MR
Bit Name
Function
Bit Symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
b1 b0
TCK1
MR3
MR2
MR1
TMOD1
MR0
TMOD0
TCK0
Operation mode select bit
(1)
(2)
RW
RW
RW
RW
RW
RW
RW
RO
NOTES:
1. Timer B0.
2. Timer B1, Timer B2.
Function varies with each operation
mode
Count source select bit
Function varies with each operation
mode
Address
039B16 to 039D16
00XX00002
0 0 : Timer mode or A/D trigger mode
0 1 : Event counter mode
1 0 : Pulse period measurement mode,
pulse width measurement mode
1 1 : Do not set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com