Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 136Page - Renesas Technology Corp M16C/29 Datasheet HTML 137Page - Renesas Technology Corp M16C/29 Datasheet HTML 138Page - Renesas Technology Corp M16C/29 Datasheet HTML 139Page - Renesas Technology Corp M16C/29 Datasheet HTML 140Page - Renesas Technology Corp M16C/29 Datasheet HTML 141Page - Renesas Technology Corp M16C/29 Datasheet HTML 142Page - Renesas Technology Corp M16C/29 Datasheet HTML 143Page - Renesas Technology Corp M16C/29 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 499 page
background image
12. Timer A
p
u
o
r
G
9
2
/
C
6
1
M
page 116
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.13 Example of 16-bit Pulse Width Modulator Operation
Figure 12.14 Example of 8-bit Pulse Width Modulator Operation
1 / fi X (2 – 1)
16
Count source
Input signal to
TAiIN pin
PWM pulse output
from TAiOUT pin
Trigger is not generated by this signal
“H”
“H”
“L”
“L”
IR bit in the
TAiIC register
1
0
fj : Frequency of count source
(f1, f2, f8, f32, fC32)
i = 0 to 4
NOTES:
1. n = 000016 to FFFE16.
2. This timing diagram is for the case where the TAi register is 0003 16, bits TAiTGH and TAiTGL in the ONSF or
TRGSR register is set to 00 2 (TAiIN pin input), the MR1 bit in the TAiMR register is set to 1 (rising edge), and
the MR2 bit in the TAiMR register is set to 1 (trigger selected by TAiTGH and TAiTGL bits).
1 / fj X n
Set to 0 upon accepting an interrupt request or by program
Count source (1)
Input signal to
TAiIN pin
Underflow signal of
8-bit prescaler (2)
PWM pulse output
from TAiOUT pin
“H”
“H”
“H”
“L”
“L”
“L”
1
0
Set to 0 upon accepting an interrupt request or by program
1 / fj X (m + 1) X (2 – 1)
8
1 / fj X (m + 1) X n
1 / fj X (m + 1)
IR bit in the
TAiIC register
fj : Frequency of count source
(f1, f2, f8, f32, fC32)
i = 0 to 4
NOTES:
1. The 8-bit prescaler counts the count source.
2. The 8-bit pulse width modulator counts the 8-bit prescaler's underflow signal.
3. m = 0016 to FF16; n = 0016 to FE16.
4. This timing diagram is for the case where the TAi register is 020216, bits TAiTGH and TAiTGL in the ONSF or
TRGSR register is set to 002 (TAiIN pin input), the MR1 bit in the TAiMR register is set to 0 (falling edge), and the
MR2 bit in the TAiMR register is set to 1 (trigger selected by bits TAiTGH and TAiTGL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com