Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 132Page - Renesas Technology Corp M16C/29 Datasheet HTML 133Page - Renesas Technology Corp M16C/29 Datasheet HTML 134Page - Renesas Technology Corp M16C/29 Datasheet HTML 135Page - Renesas Technology Corp M16C/29 Datasheet HTML 136Page - Renesas Technology Corp M16C/29 Datasheet HTML 137Page - Renesas Technology Corp M16C/29 Datasheet HTML 138Page - Renesas Technology Corp M16C/29 Datasheet HTML 139Page - Renesas Technology Corp M16C/29 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 499 page
background image
12. Timer A
p
u
o
r
G
9
2
/
C
6
1
M
page 112
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Item
Specification
Count source
f1, f2, f8, f32, fC32
Count operation
• Decrement
• When the counter reaches 000016, it stops counting after reloading a new value
• If a trigger occurs when counting, the timer reloads a new count and restarts counting
Divide ratio
1/n
n : set value of TAi register 000016 to FFFF16
However, the counter does not work if the divide-by-n value is set to 000016.
Count start condition
TAiS bit in the TABSR register is set to 1 (start counting) and one of the
following triggers occurs.
• External trigger input from the TAiIN pin
• Timer B2 overflow or underflow,
timer Aj (j=i-1, except j=4 if i=0) overflow or underflow,
timer Ak (k=i+1, except k=0 if i=4) overflow or underflow
• The TAiOS bit in the ONSF register is set to 1 (timer starts)
Count stop condition
• When the counter is reloaded after reaching 000016
• TAiS bit is set to 0 (stop counting)
Interrupt request generation timing
When the counter reaches 000016
TAiIN pin function
I/O port or trigger input
TAiOUT pin function
I/O port or pulse output
Read from timer
An undefined value is read by reading TAi register
Write to timer
• When not counting and until the 1st count source is input after counting start
Value written to TAi register is written to both reload register and counter
• When counting (after 1st count source input)
Value written to TAi register is written to only reload register
(Transferred to counter when reloaded next)
Select function
• Pulse output function
The timer outputs a low when not counting and a high when counting.
Table 12.4 Specifications in One-shot Timer Mode
12.1.3 One-shot Timer Mode
In one-shot timer mode, the timer is activated only once by one trigger. (See Table 12.4) When the
trigger occurs, the timer starts up and continues operating for a given period. Figure 12.11 shows the
TAiMR register in one-shot timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com