Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 128Page - Renesas Technology Corp M16C/29 Datasheet HTML 129Page - Renesas Technology Corp M16C/29 Datasheet HTML 130Page - Renesas Technology Corp M16C/29 Datasheet HTML 131Page - Renesas Technology Corp M16C/29 Datasheet HTML 132Page - Renesas Technology Corp M16C/29 Datasheet HTML 133Page - Renesas Technology Corp M16C/29 Datasheet HTML 134Page - Renesas Technology Corp M16C/29 Datasheet HTML 135Page - Renesas Technology Corp M16C/29 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 499 page
background image
12. Timer A
p
u
o
r
G
9
2
/
C
6
1
M
page 108
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.8 TAiMR Register in Event Counter Mode (when not using two-phase pulse signal
processing)
Symbol
Address
After Reset
TA0MR to TA4MR
039616 to 039A16
0016
W
R
b7 b6 b5 b4 b3 b2 b1 b0
Operation mode select bit 0 1 : Event counter mode (1)
b1 b0
TMOD0
MR0
0: Pulse is not output
(TAiOUT pin functions as I/O port)
1: Pulse is output
(TAiOUT pin functions as pulse output pin)
MR2
MR1
MR3
Set to 0 in event counter mode
TCK0
Count operation type
select bit
01
0
0: Counts external signal's falling edge
1: Counts external signal's rising edge
Up/down switching
cause select bit
0: Reload type
1: Free-run type
Bit Symbol
Bit Name
Function
RW
TCK1
Can be 0 or 1 when not using two-phase pulse signal processing
TMOD1
Timer Ai Mode Register (i=0 to 4)
(When not using two-phase pulse signal processing)
RW
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. During event counter mode, the count source can be selected using registers ONSF and TRGSR.
2. Effective when bits TAiTGH and TAiTGL in the ONSF or TRGSR register are 002 (TAiIN pin input).
3. Decrement when input on TAiOUT pin is low or increment when input on that pin is high. The port
direction bit for TAiOUT pin must be set to 0 (input mode).
Pulse output function
select bit
Count polarityselect bit (2)
0: UDF register
1: Input signal to TAiOUT pin(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com