Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 125Page - Renesas Technology Corp M16C/29 Datasheet HTML 126Page - Renesas Technology Corp M16C/29 Datasheet HTML 127Page - Renesas Technology Corp M16C/29 Datasheet HTML 128Page - Renesas Technology Corp M16C/29 Datasheet HTML 129Page - Renesas Technology Corp M16C/29 Datasheet HTML 130Page - Renesas Technology Corp M16C/29 Datasheet HTML 131Page - Renesas Technology Corp M16C/29 Datasheet HTML 132Page - Renesas Technology Corp M16C/29 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 499 page
background image
12. Timer A
p
u
o
r
G
9
2
/
C
6
1
M
page 105
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.6 ONSF Register, TRGSR Register, and CPSRF Register
Symbol
Address
After Reset
CPSRF
038116
0XXXXXXX2
Clock Prescaler Reset Flag
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
Clock prescaler reset flag
Setting this bit to 1 initializes the
prescaler for the timekeeping clock.
(When read, its content is 0)
CPSR
Nothing is assigned. If necessary, set to 0.
When read, their contents are undefined
TA1TGL
Symbol
Address
After Reset
TRGSR
038316
0016
Timer A1 event/trigger
select bit
0 0: Input on TA1IN is selected (1)
0 1: TB2 is selected (2)
1 0: TA0 is selected (2)
1 1: TA2 is selected (2)
Trigger Select Register
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
0 0: Input on TA2IN is selected (1)
0 1: TB2 is selected (2)
1 0: TA1 is selected (2)
1 1: TA3 is selected (2)
0 0: Input on TA3IN is selected (1)
0 1: TB2 is selected (2)
1 0: TA2 is selected (2)
1 1: TA4 is selected (2)
0 0: Input on TA4IN is selected (1)
0 1: TB2 is selected (2)
1 0: TA3 is selected (2)
1 1: TA0 is selected (2)
Timer A2 event/trigger
select bit
Timer A3 event/trigger
select bit
Timer A4 event/trigger
select bit
TA1TGH
TA2TGL
TA2TGH
TA3TGL
TA3TGH
TA4TGL
TA4TGH
b1 b0
b3 b2
b5 b4
b7 b6
TA1OS
TA2OS
TA0OS
One-shot Start Flag
Symbol
Address
After Reset
ONSF
038216
0016
Timer A0 one-shot start flag
Timer A1 one-shot start flag
Timer A2 one-shot start flag
Timer A3 one-shot start flag
Timer A4 one-shot start flag
TA3OS
TA4OS
Bit Name
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
TA0TGL
TA0TGH
0 0: Input on TA0IN is selected(1)
0 1: TB2 overflow is selected (2)
1 0: TA4 overflow is selected (2)
1 1: TA1 overflow is selected (2)
Timer A0 event/trigger
select bit
b7 b6
RW
The timer starts counting by setting
this bit to 1 while bits TMOD1 and
TMOD0 in the TAiMR register (i = 0
to 4) = 102 (= one-shot timer mode)
and the MR2 bit in the TAiMR
register = 0 (=TAiOS bit enabled).
When read, its content is 0
Z-phase input enable bit
TAZIE
0: Z-phase input disabled
1: Z-phase input enabled
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
(b6-b0)
NOTES:
1. Make sure the PD7_1 bit in the PD7 register is set to 0 (input mode).
2. Overflow or underflow.
NOTES:
1. Make sure the port direction bits for the TA1IN to TA4IN pins are set to 0 ( input mode).
2. Overflow or underflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com