Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 127Page - Renesas Technology Corp M16C/29 Datasheet HTML 128Page - Renesas Technology Corp M16C/29 Datasheet HTML 129Page - Renesas Technology Corp M16C/29 Datasheet HTML 130Page - Renesas Technology Corp M16C/29 Datasheet HTML 131Page - Renesas Technology Corp M16C/29 Datasheet HTML 132Page - Renesas Technology Corp M16C/29 Datasheet HTML 133Page - Renesas Technology Corp M16C/29 Datasheet HTML 134Page - Renesas Technology Corp M16C/29 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 499 page
background image
12. Timer A
p
u
o
r
G
9
2
/
C
6
1
M
page 107
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Item
Specification
Count source
• External signals input to TAiIN pin (i=0 to 4) (effective edge can be selected
in program)
• Timer B2 overflows or underflows,
timer Aj (j=i-1, except j=4 if i=0) overflows or underflows,
timer Ak (k=i+1, except k=0 if i=4) overflows or underflows
Count operation
• Increment or decrement can be selected by external signal or program
• When the timer overflows or underflows, it reloads the reload register con-
tents and continues counting. When operating in free-running mode, the
timer continues counting without reloading.
Divided ratio
1/ (FFFF16 - n + 1) for increment
1/ (n + 1) for down-count
n : set value of TAi register 000016 to FFFF16
Count start condition
Set TAiS bit in the TABSR register to 1 (start counting)
Count stop condition
Set TAiS bit to 0 (stop counting)
Interrupt request generation timing Timer overflow or underflow
TAiIN pin function
I/O port or count source input
TAiOUT pin function
I/O port, pulse output, or up/down-count select input
Read from timer
Count value can be read by reading TAi register
Write to timer
• When not counting and until the 1st count source is input after counting start
Value written to TAi register is written to both reload register and counter
• When counting (after 1st count source input)
Value written to TAi register is written to only reload register
(Transferred to counter when reloaded next)
Select function
• Free-run count function
Even when the timer overflows or underflows, the reload register content is
not reloaded to it
• Pulse output function
Whenever the timer underflows or underflows, the output polarity of TAiOUT
pin is inverted . When not counting, the pin outputs a low.
12.1.2 Event Counter Mode
In event counter mode, the timer counts pulses from an external device or overflows and underflows of
other timers. Timers A2, A3, and A4 can count two-phase external signals. Table 12.2 lists specifica-
tions in event counter mode (when not processing two-phase pulse signal). Table 12.3 lists specifica-
tions in event counter mode (when processing two-phase pulse signal with the timers A2, A3 and A4).
Figure 12.8
shows TAiMR register in event counter mode (when not processing two-phase pulse signal).
Figure 12.9
shows TA2MR to TA4MR registers in event counter mode (when processing two-phase
pulse signal with the timers A2, A3 and A4).
Table 12.2 Specifications in Event Counter Mode (when not processing two-phase pulse signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com