Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 141Page - Renesas Technology Corp M16C/29 Datasheet HTML 142Page - Renesas Technology Corp M16C/29 Datasheet HTML 143Page - Renesas Technology Corp M16C/29 Datasheet HTML 144Page - Renesas Technology Corp M16C/29 Datasheet HTML 145Page - Renesas Technology Corp M16C/29 Datasheet HTML 146Page - Renesas Technology Corp M16C/29 Datasheet HTML 147Page - Renesas Technology Corp M16C/29 Datasheet HTML 148Page - Renesas Technology Corp M16C/29 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 499 page
background image
12. Timer B
p
u
o
r
G
9
2
/
C
6
1
M
page 121
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Item
Specification
Count source
f1, f2, f8, f32, fC32
Count operation
• Increment
• Counter value is transferred to reload register at an effective edge of mea-
surement pulse. The counter value is set to 000016 to continue counting.
Count start condition
Set TBiS (i=0 to 2) bit (3) to 1 (start counting)
Count stop condition
Set TBiS bit to 0 (stop counting)
Interrupt request generation timing • When an effective edge of measurement pulse is input (1)
• Timer overflow. When an overflow occurs, MR3 bit in the TBiMR register is set to
1 (overflowed) simultaneously. MR3 bit is cleared to 0 (no overflow) by writing
to TBiMR register at the next count timing or later after MR3 bit was set to 1. At
this time, make sure TBiS bit is set to 1 (start counting).
TBiIN pin function
Measurement pulse input
Read from timer
Contents of the reload register (measurement result) can be read by reading TBi register (2)
Write to timer
Value written to TBi register is written to neither reload register nor counter
NOTES:
1. Interrupt request is not generated when the first effective edge is input after the timer started counting.
2. Value read from TBi register is undefined until the second valid edge is input after the timer starts counting.
3. Bits TB0S to TB2S are assigned to the bit 5 to bit 7 in the TABSR register .
12.2.3 Pulse Period and Pulse Width Measurement Mode
In pulse period and pulse width measurement mode, the timer measures pulse period or pulse width of an
external signal (see Table 12.8). Figure 12.20 shows the TBiMR register in pulse period and pulse width
measurement mode. Figure 12.21 shows the operation timing when measuring a pulse period. Figure
12.22
shows the operation timing when measuring a pulse width.
Table 12.8 Specifications in Pulse Period and Pulse Width Measurement Mode
Figure 12.20 TBiMR Register in Pulse Period and Pulse Width Measurement Mode
Timer Bi Mode Register (i=0 to 2)
Symbol
Address
After Reset
TB0MR to TB2MR
039B16 to 039D16
00XX00002
Bit Name
Bit Symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
Operation mode
select bit
1 0 : Pulse period / pulse width
measurement mode
b1 b0
TMOD1
TMOD0
MR0
Measurement mode
select bit
MR2
MR1
MR3
TCK1
TCK0
0
1
0 0: Pulse period measurement
(Measurement between a falling edge and the
next falling edge of measured pulse)
0 1: Pulse period measurement
(Measurement between a rising edge and the next
rising edge of measured pulse)
1 0: Pulse width measurement
(Measurement between a falling edge and the
next rising edge of measured pulse and between
a rising edge and the next falling edge)
1 1: Do not set.
Function
b3 b2
Count source
select bit
Timer Bi overflow
flag (1)
0 : Timer did not overflow
1 : Timer has overflowed
0 0: f1 or f2
0 1: f8
1 0: f32
1 1: fC32
b7 b6
NOTE:
1.This flag is undefined after reset. When the TBiS bit is set to 1 (start counting), the MR3 bit is cleared to 0 (no overflow) by
writing to the TBiMR register at the next count timing or later after the MR3 bit was set to 1 (overflowed). The MR3 bit cannot be
set to 1 by program. Bits TB0S to TB2S are assigned to the bit 5 to bit 7 in the TABSR register.
RO
TB0MR register
Set to 0 in pulse period and pulse width measurement mode
TB1MR, TB2MR registers
Nothing is assigned. If necessary, set to 0. When read, its content is undefined
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com