Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 145Page - Renesas Technology Corp M16C/29 Datasheet HTML 146Page - Renesas Technology Corp M16C/29 Datasheet HTML 147Page - Renesas Technology Corp M16C/29 Datasheet HTML 148Page - Renesas Technology Corp M16C/29 Datasheet HTML 149Page - Renesas Technology Corp M16C/29 Datasheet HTML 150Page - Renesas Technology Corp M16C/29 Datasheet HTML 151Page - Renesas Technology Corp M16C/29 Datasheet HTML 152Page - Renesas Technology Corp M16C/29 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 499 page
background image
12. Timer (Three-phase Motor Control Timer Function)
p
u
o
r
G
9
2
/
C
6
1
M
page 125
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
12.3 Three-phase Motor Control Timer Function
Timers A1, A2, A4 and B2 can be used to output three-phase motor drive waveforms. Table 12.10 lists the
specifications of the three-phase motor control timer function. Figure 12.24 shows the block diagram for
three-phase motor control timer function. Also, the related registers are shown on Figures 12.26 to 12.32.
Table 12.10 Three-phase Motor Control Timer Function Specifications
Item
Specification
Three-phase waveform output pin
___
___
___
Six pins (U, U, V, V, W, W)
Forced cutoff input (1)
_____
Input “L” to SD pin
Used Timers
Timer A4, A1, A2 (used in the one-shot timer mode)
___
Timer A4: U- and U-phase waveform control
___
Timer A1: V- and V-phase waveform control
___
Timer A2: W- and W-phase waveform control
Timer B2 (used in the timer mode)
Carrier wave cycle control
Dead time timer (3 eight-bit timer and shared reload register)
Dead time control
Output waveform
Triangular wave modulation, Sawtooth wave modification
Enable to output “H” or “L” for one cycle
Enable to set positive-phase level and negative-phase
level respectively
Carrier wave cycle
Triangular wave modulation: count source x (m+1) x 2
Sawtooth wave modulation: count source x (m+1)
m: Setting value of TB2 register, 0 to 65535
Count source: f1, f2, f8, f32, fC32
Three-phase PWM output width
Triangular wave modulation: count source x n x 2
Sawtooth wave modulation: count source x n
n: Setting value of TA4, TA1 and TA2 register (of TA4,
TA41, TA1, TA11, TA2 and TA21 registers when setting
the INV11 bit to 1), 1 to 65535
Count source: f1, f2, f8, f32, fC32
Dead time
Count source x p, or no dead time
p: Setting value of DTT register, 1 to 255
Count source: f1, f2, f1 divided by 2, f2 divided by 2
Active level
Eable to select “H” or “L”
Positive and negative-phase concurrent
Positive and negative-phases concurrent active disable
function
Positive and negative-phases concurrent active detect func-
tion
Interrupt frequency
For Timer B2 interrupt, select a carrier wave cycle-to-cycle
basis through 15 times carrier wave cycle-to-cycle basis
NOTE:
1. When the INV02 bit in the INVC0 register is set to 1 (three-phase motor control timer function), the
_____
_____
SD function of the P85/SD pin is enabled. At this time, the P85 pin cannot be used as a programmable
_____
_____
I/O port. When the SD function is not used, apply “H” to the P85/SD pin.
_____
When the IVPCR1 bit in the TB2SC register is set to 1 (enable three-phase output forced cutoff by SD
_____
pin input), and “L” is applied to the SD pin, the related pins enter high-impedance state regardless of
the functions which are used. When the IVPCR1 bit is set to 0 (disabled three-phase output forced
_____
_____
cutoff by SD pin input) and “L” is applied to the SD pin, the related pins can be selected as a program-
mable I/O port and the setting of the port and port direction registers are enable.
Related pins:
P72/CLK2/TA1OUT/V/RXD1
_________ _________
___
P73/CTS2/RTS2/TA1IN/V/TXD1
P74/TA2OUT/W
____
P75/TA2IN/W
P80/TA4OUT/U
___
P81/TA4IN/U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com