Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 149Page - Renesas Technology Corp M16C/29 Datasheet HTML 150Page - Renesas Technology Corp M16C/29 Datasheet HTML 151Page - Renesas Technology Corp M16C/29 Datasheet HTML 152Page - Renesas Technology Corp M16C/29 Datasheet HTML 153Page - Renesas Technology Corp M16C/29 Datasheet HTML 154Page - Renesas Technology Corp M16C/29 Datasheet HTML 155Page - Renesas Technology Corp M16C/29 Datasheet HTML 156Page - Renesas Technology Corp M16C/29 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 499 page
background image
12. Timer (Three-phase Motor Control Timer Function)
p
u
o
r
G
9
2
/
C
6
1
M
page 129
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.28 IDB0 Register, IDB1Register, DTT Register, and ICTB2 Register
Three-phase Output Buffer Register(i=0,1) (1)
Symbol
Address
After Reset
IDB0
034A16
001111112
IDB1
034B16
001111112
RW
RW
RW
RW
Bit Name
Function
Bit Symbol
DUi
DUBi
DVi
U phase output buffer i
NOTE:
1. Registers IDB0 and IDB1 values are transferred to the three-phase shift register by a transfer trigger. The value
written to the IDB0 register aftera transfer trigger represents the output signal of each phase, and the next value
written to the IDB1 register at the falling edge of the timer A1, A2, or A4 one-shot pulse represents the output signal
of each phase.
(b7-b6)
RW
DVBi
Nothing is assigned. If necessary, set to 0. When read,
these contents are 0
Write the output level
0: Active level
1: Inactive level
When read, these bits show the three-phase
output shift register value.
DWi
DWBi
RW
RW
U phase output buffer i
V phase output buffer i
V phase output buffer i
W phase output buffer i
W phase output buffer i
b7
b4 b3 b2b1b0
Dead Time Timer (1, 2)
Symbol
Address
After Reset
DTT
034C16
Undefined
WO
RW
Function
Setting Range
NOTES:
1. Use MOV instruction to write to this register.
2. Effective when the INV15 bit is set to 0 (dead time timer enable). If the INV15 bit is set to 1, the dead time timer is
disabled and has no effect.
1 to 255
b7
b0
Assuming the set value = n, upon a start trigger the timer starts
counting the count souce selected by the INV12 bit and stops
after counting it n times. The positive or negative phase
whichever is going from an inactive to an active level changes
at the same time the dead time timer stops.
RO
0
Timer B2 Interrupt Occurrences Frequency Set Counter
Symbol
ICTB2
Address
034D16
After Reset
Undefined
Function
Setting Range
b7 b6 b5 b4
b0
If the INV01 bit is 0 (ICTB2 counter counted every
time timer B2 underflows), assuming the set value
= n, a timer B2 interrupt is generated at every nth
occurrence of a timer B2 underflow.
If the INV01 bit is 1 (ICTB2 counter count timing
selected by the INV00 bit), assuming the set value
= n, a timer B2 interrupt is generated at every nth
occurrence of a timer B2 underflow that meets the
condition selected by the INV00 bit.
1 to 15
NOTE:
1. Use MOV instruction to write to this register.
If the INV01 bit is set to 1, make sure the TB2S bit also is set to 0 (timer B2 count stopped) when writing to
this register. If the INV01 bit is set to 0, although this register can be written even when the TB2S bit is set to
1 (timer B2 count start), do not write synchronously with a timer B2 underflow.
RW
WO
(1)
Nothing is assigned. When write, set to "0". When read, the content is
undefined.
b3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com