Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 150Page - Renesas Technology Corp M16C/29 Datasheet HTML 151Page - Renesas Technology Corp M16C/29 Datasheet HTML 152Page - Renesas Technology Corp M16C/29 Datasheet HTML 153Page - Renesas Technology Corp M16C/29 Datasheet HTML 154Page - Renesas Technology Corp M16C/29 Datasheet HTML 155Page - Renesas Technology Corp M16C/29 Datasheet HTML 156Page - Renesas Technology Corp M16C/29 Datasheet HTML 157Page - Renesas Technology Corp M16C/29 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 499 page
background image
12. Timer (Three-phase Motor Control Timer Function)
p
u
o
r
G
9
2
/
C
6
1
M
page 130
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.29 TA1, TA2, TA4, TA11, TA21, and TA41 Registers
Symbol
Address
After reset
TA1
038916-038816
Undefined
TA2
038B16-038A16
Undefined
TA4
038F16-038E16
Undefined
TA11(6,7)
034316-034216
Undefined
TA21(6,7)
034516-034416
Undefined
TA41(6,7)
034716-034616
Undefined
b7
b0 b7
b0
(b15)
(b8)
RW
Assuming the set value = n, upon a start trigger the timer
starts counting the count source and stops after counting
it n times. The positive and negative phases change at
the same time timer A, A2 or A4 stops.
Function
Setting Range
Timer Ai, Ai-1 Register (i=1, 2, 4) (1, 2, 3, 4, 5)
NOTES:
1. The register must be accessed in 16 bit units.
2. When the timer Ai register is set to 000016, the counter does not operate and a timer Ai interrupt does not occur.
3. Use MOV instruction to write to these registers.
4. If the INV15 bit is 0 (dead time timer enable), the positive or negative phase whichever is going from an inactive
to an active level changes at the same time the dead time timer stops.
5. If the INV11 bit is 0 (three-phase mode 0), the TAi register value is transferred to the reload register by
a timer Ai (i = 1, 2 or 4) start trigger.
If the INV11 bit is 1 (three-phase mode 1), the TAi1 register value is transferred to the reload register by a timer Ai
start trigger first and then the TAi register value is transferred to the reload register by the next timer Ai start trigger.
Thereafter, the TAi1 register and TAi register values are transferred to the reload register alternately.
6. Do not write to TAi1 registers synchronously with a timer B2 underflow In three-phase mode 1.
7. Write to the TAi1 register as follows:
(1) Write a value to the TAi1 register
(2) Wait for one cycle of timer Ai count source.
(3) Write the same value to the TAi1 register again.
WO
000016 to FFFF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com