Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 153Page - Renesas Technology Corp M16C/29 Datasheet HTML 154Page - Renesas Technology Corp M16C/29 Datasheet HTML 155Page - Renesas Technology Corp M16C/29 Datasheet HTML 156Page - Renesas Technology Corp M16C/29 Datasheet HTML 157Page - Renesas Technology Corp M16C/29 Datasheet HTML 158Page - Renesas Technology Corp M16C/29 Datasheet HTML 159Page - Renesas Technology Corp M16C/29 Datasheet HTML 160Page - Renesas Technology Corp M16C/29 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 499 page
background image
12. Timer (Three-phase Motor Control Timer Function)
p
u
o
r
G
9
2
/
C
6
1
M
page 133
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.32 TA1MR, TA2MR, TA4MR, and TB2MR Registers
Bit Name
Timer Ai Mode Register
Symbol
Address
After Reset
TA1MR
039716
0016
TA2MR
039816
0016
TA4MR
039A16
0016
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
Operation mode
select bit
Set to 102 (one-shot timer mode) for the
three-phase motor control timer function
TMOD1
TMOD0
MR0
Pulse output function
select bit
Set to 0 for the three-phase motor control
timer function
MR2
MR1
MR3
Set to 0 for the three-phase motor control timer function
0 0 : f1 or f2
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
TCK1
TCK0
Count source select bit
10
0
Set to 1 (selected by event/trigger select
register) for the three-phase motor control
timer function
Trigger select bit
External trigger select bit
RW
Timer B2 Mode Register
Symbol
Address
After Reset
TB2MR
039D16
00XX00002
Bit Name
Function
Bit Symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
Operation mode select bit
Set to 002 (timer mode) for the three-
phase motor control timer function
TMOD1
TMOD0
MR0
MR2
MR1
MR3
TCK1
TCK0
Count source select bit
0
0
1
0
No effect for the three-phase motor control
timer function
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RO
No effect for the three-phase motor control timer function.
If necessary, set to 0. When read, the contents are undefined
Set to 0 for the three-phase motor control timer function
0
RW
When write in three-phase motor control timer function, write 0.
When read, the content is undefined
b7 b6
0 0: f1 or f2
0 1: f8
1 0: f32
1 1: fC32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com