Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 156Page - Renesas Technology Corp M16C/29 Datasheet HTML 157Page - Renesas Technology Corp M16C/29 Datasheet HTML 158Page - Renesas Technology Corp M16C/29 Datasheet HTML 159Page - Renesas Technology Corp M16C/29 Datasheet HTML 160Page - Renesas Technology Corp M16C/29 Datasheet HTML 161Page - Renesas Technology Corp M16C/29 Datasheet HTML 162Page - Renesas Technology Corp M16C/29 Datasheet HTML 163Page - Renesas Technology Corp M16C/29 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 499 page
background image
12. Timer (Three-phase Motor Control Timer Function)
p
u
o
r
G
9
2
/
C
6
1
M
page 136
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
12.3.1 Position-Data-Retain Function
This function is used to retain the position data synchronously with the three-phase waveform
output.There are three position-data input pins for U, V, and W phases.
A trigger to retain the position data (hereafter, this trigger is referred to as "retain trigger") can be selected
by the PDRT bit in the PDRF register. This bit selects the retain trigger to be the falling edge of each
positive phase, or the rising edge of each positive phase.
12.3.1.1 Operation of the Position-data-retain Function
Figure 12.35
shows a usage example of the position-data-retain function (U phase) when the retain
trigger is selected as the falling edge of the positive signal.
(1) At the falling edge of the U-phase waveform ouput, the state at pin IDU is transferred to the PDRU
bit in the PDRF register.
(2) Until the next falling edge of the Uphase waveform output,the above value is retained.
Transferred
Carrier wave
U-phase waveform output
U-phase waveform output
1
2
Transferred
Transferred
Transferred
Pin IDU
Note:
Note: The retain trigger is the falling edge of the positive signal.
PDRU bit
Figure 12.35 Usage Example of Position-data-retain Function (U phase )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com