Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 155Page - Renesas Technology Corp M16C/29 Datasheet HTML 156Page - Renesas Technology Corp M16C/29 Datasheet HTML 157Page - Renesas Technology Corp M16C/29 Datasheet HTML 158Page - Renesas Technology Corp M16C/29 Datasheet HTML 159Page - Renesas Technology Corp M16C/29 Datasheet HTML 160Page - Renesas Technology Corp M16C/29 Datasheet HTML 161Page - Renesas Technology Corp M16C/29 Datasheet HTML 162Page - Renesas Technology Corp M16C/29 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 499 page
background image
12. Timer (Three-phase Motor Control Timer Function)
p
u
o
r
G
9
2
/
C
6
1
M
page 135
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.34 Sawtooth Wave Modulation Operation
Timer B2
U phase
Sawtooth wave
Signal wave
U phase
output signal (1)
U phase
U phase
output signal (1)
U phase
U phase
INV14 = 0
Sawtooth Waveform as a Carrier Wave
INV14 = 1
NOTE:
1. Internal signals. See Figure 12.25.
The above applies under the following conditions:
INVC0 = 01XX110X2 (X varies depending on each system) and INVC1 = 010XXX002.
Examples of PWM output change are:
• Default value of registers IDB0 and IDB1: DU0=0, DUB0=1, DU1=1, DUB1=1.
They are changed to DU0=1, DUB0=0, DU1=1, DUB1=1 when the timer B2 interrupt is generated.
Start trigger signal
for timer A4(1)
Timer A4
one-shot pulse(1)
Dead time
Dead time
(“H” active)
(“L” active)
Transfer the values to the three-
phase output shift register
Rewrite registers
IDB0 and IDB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com