Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 159Page - Renesas Technology Corp M16C/29 Datasheet HTML 160Page - Renesas Technology Corp M16C/29 Datasheet HTML 161Page - Renesas Technology Corp M16C/29 Datasheet HTML 162Page - Renesas Technology Corp M16C/29 Datasheet HTML 163Page - Renesas Technology Corp M16C/29 Datasheet HTML 164Page - Renesas Technology Corp M16C/29 Datasheet HTML 165Page - Renesas Technology Corp M16C/29 Datasheet HTML 166Page - Renesas Technology Corp M16C/29 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 499 page
background image
12. Timer (Three-phase Motor Control Timer Function)
p
u
o
r
G
9
2
/
C
6
1
M
page 139
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.38 PFCR Register, and TPRC Register
Port Function Control Register (1)
Symbol
Address
After Reset
PFCR
035816
0011 11112
RW
RW
RW
RW
Bit Name
Function
Bit Symbol
PFC0
PFC1
PFC2
Port P80 output
function select bit
NOTE:
1. This register is valid only when the INVC03 bit in the INVC0 register is 1 (Three-phase motor control
timer.
(b7-b6)
RW
PFC3
Nothing is assigned. If necessary, set to 0. When read,
the contents are 0
0: Input/Output port P80
1: Three-phase PWM output
(U phase output)
PFC4
PFC5
RW
RW
Port P81 output
function select bit
Port P72 output
function select bit
Port P73 output
function select bit
Port P74 output
function select bit
Port P75 output
function select bit
0: Input/Output port P81
1: Three-phase PWM output
(U phase output)
0: Input/Output port P72
1: Three-phase PWM output
(V phase output)
0: Input/Output port P73
1: Three-phase PWM output
(V phase output)
0: Input/Output port P74
1: Three-phase PWM output
(W phase output)
0: Input/Output port P75
1: Three-phase PWM output
(W phase output)
b7
b5 b4 b3 b2b1b0
Three-phase Protect Control Register
Symbol
Address
After Reset
TPRC
025A16
0016
RW
RW
Bit Name
Function
Bit Symbol
TPRC0
Three-phase
protect control bit
(b7-b1)
Nothing is assigned. If necessary, set to 0. When read,
the contents are 0
Enable write to PFCR register
0: Write protected
1: Write enabled
b7
b3 b2b1b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com