Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 161Page - Renesas Technology Corp M16C/29 Datasheet HTML 162Page - Renesas Technology Corp M16C/29 Datasheet HTML 163Page - Renesas Technology Corp M16C/29 Datasheet HTML 164Page - Renesas Technology Corp M16C/29 Datasheet HTML 165Page - Renesas Technology Corp M16C/29 Datasheet HTML 166Page - Renesas Technology Corp M16C/29 Datasheet HTML 167Page - Renesas Technology Corp M16C/29 Datasheet HTML 168Page - Renesas Technology Corp M16C/29 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 141
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 13.1 IC/OC Block Diagram
BTS: Bits in the G1BCR1 register
CTS1 to CTS0, DF1 to DF0, GT, PR : Bits in the G1TMCRj register (j= 0 to 7)
PCLK0 : Bits in the PCLKR register
G1TM0, G1PO0
register
G1TM1, G1PO1
register
G1TM2, G1PO2
register
G1TM3, G1PO3
register
G1TM4, G1PO4
register
G1TM5, G1PO5
register
G1TM6, G1PO6
register
G1TM7, G1PO7
register
PWM
output
PWM
output
PWM
output
PWM
output
Base timer reset
(n+1)
Divider register
Edge
select
Digital
filter
Gate
function
Edge
select
Digital
filter
Gate
function
Edge
select
Digital
filter
Edge
select
Digital
filter
INPC10
INPC11
INPC16
(G1DV)
GT
GT
PR
PR
Ch0 to ch7
interrupt request signal
OUTC10
OUTC11
OUTC14
OUTC15
Prescaler
function
Prescaler
function
OUTC16
OUTC17
OUTC12
OUTC13
(Note 1)
Base timer
fBT1
Edge
select
Digital
filter
INPC12
Two-phase
pulse input
BCK1 to BCK0 : Bits in the G1BCR0 register
Request from INT1 pin
BTS
Request by matching G1PO0 register and base timer
Base timer over flow request
BCK1 to BCK0
11
10
00
10:fBT1
11: f1 or f2
DF1 to DF0
CTS1 to CTS0
CTS1 to CTS0
CTS1 to CTS0
00
DF1 to DF0
00
DF1 to DF0
00
DF1 to DF0
00
0
0
1
0
1
0
1
1
DF1 to DF0
Base timer reset
register (G1BTRR)
Request by matching G1BTRR and base timer
00
CTS1 to CTS0
DF1 to DF0
Edge
select
Digital
filter
INPC13
DF1 to DF0
Edge
select
Digital
filter
INPC14
CTS1 to CTS0
DF1 to DF0
Edge
select
Digital
filter
INPC15
CTS1 to CTS0
INPC17
Digital
debounce
Base timer reset request
Base timer interrupt request
00
00
CTS1 to CTS0
CTS1 to CTS0
1/2
PCLK0=0
PCLK0=1
f1 or f2
f1 or f2
Main clock,
PLL clock,
On-chip
oscillator clock
10:fBT1
11: f1 or f2
10:fBT1
11: f1 or f2
10:fBT1
11: f1 or f2
10:fBT1
11: f1 or f2
10:fBT1
11: f1 or f2
10:fBT1
11: f1 or f2
10:fBT1
11: f1 or f2
Figure 13.1
shows the block diagram of the IC/OC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com