Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 157Page - Renesas Technology Corp M16C/29 Datasheet HTML 158Page - Renesas Technology Corp M16C/29 Datasheet HTML 159Page - Renesas Technology Corp M16C/29 Datasheet HTML 160Page - Renesas Technology Corp M16C/29 Datasheet HTML 161Page - Renesas Technology Corp M16C/29 Datasheet HTML 162Page - Renesas Technology Corp M16C/29 Datasheet HTML 163Page - Renesas Technology Corp M16C/29 Datasheet HTML 164Page - Renesas Technology Corp M16C/29 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 499 page
background image
12. Timer (Three-phase Motor Control Timer Function)
p
u
o
r
G
9
2
/
C
6
1
M
page 137
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
12.3.1.2 Position-data-retain Function Control Register
Figure 12.36
shows the structure of the position-data-retain function contol register.
Figure 12.36 PDRF Register
12.3.1.2.1 W-phase Position Data Retain Bit (PDRW)
This bit is used to retain the input level at pin IDW.
12.3.1.2.2 V-phase Position Data Retain Bit (PDRV)
This bit is used to retain the input level at pin IDV.
12.3.1.2.3 U-phase Position Data Retain Bit (PDRU)
This bit is used to retain the input level at pin IDU.
12.3.1.2.4 Retain-trigger Polarity Select Bit (PDRT)
This bit is used to select the trigger polarity to retain the position data.
When this bit is set to 0, the rising edge of each positive phase selected.
When this bit is set to 1, the falling edge of each pocitive phase selected.
Position-Data-Retain Function Control Register (1)
Symbol
Address
After Reset
PDRF
034E16
XXXX 00002
RO
RO
RO
RW
Bit Name
Function
Bit Symbol
PDRW
PDRV
PDRU
W-phase position
data retain bit
Input level at pin IDU is read out.
0: "L" level
1: "H" level
NOTE:
1.This register is valid only in the three-phase mode.
Retain-trigger
polarity select bit
(b7-b4)
RW
PDRT
V-phase position
data retain bit
Nothing is assigned. If necessary, set to 0. When read,
the contents are undefined
U-phase position
data retain bit
Input level at pin IDV is read out.
0: "L" level
1: "H" level
Input level at pin IDW is read out.
0: "L" level
1: "H" level
0: Rising edge of positive phase
1: Falling edge of positive phase
b7
b3 b2b1b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com