Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 160Page - Renesas Technology Corp M16C/29 Datasheet HTML 161Page - Renesas Technology Corp M16C/29 Datasheet HTML 162Page - Renesas Technology Corp M16C/29 Datasheet HTML 163Page - Renesas Technology Corp M16C/29 Datasheet HTML 164Page - Renesas Technology Corp M16C/29 Datasheet HTML 165Page - Renesas Technology Corp M16C/29 Datasheet HTML 166Page - Renesas Technology Corp M16C/29 Datasheet HTML 167Page - Renesas Technology Corp M16C/29 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 140
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
13. Timer S
The Timer S (Input Capture/Output Compare : here after, Timer S is referred to as "IC/OC".) is a high-
performance I/O port for time measurement and waveform generation.
The IC/OC has one 16-bit base timer for free-running operation and eight 16-bit registers for time measure-
ment and waveform generation.
Table 13.1
lists functions and channels of the IC/OC.
Table 13.1 IC/OC Functions and Channels
Function
Description
Time measurement (1)
8 channels
Digital filter
8 channels
Trigger input prescaler
2 channels
Trigger input gate
2 channels
Waveform generation (1)
8 channels
Single-phase waveform output
Available
Phase-delayed waveform output
Available
Set/Reset waveform output
Available
NOTE:
1. The time measurement function and the waveform generating function share a pin.
The time measurement function or waveform generating function can be selected for each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com