Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 162Page - Renesas Technology Corp M16C/29 Datasheet HTML 163Page - Renesas Technology Corp M16C/29 Datasheet HTML 164Page - Renesas Technology Corp M16C/29 Datasheet HTML 165Page - Renesas Technology Corp M16C/29 Datasheet HTML 166Page - Renesas Technology Corp M16C/29 Datasheet HTML 167Page - Renesas Technology Corp M16C/29 Datasheet HTML 168Page - Renesas Technology Corp M16C/29 Datasheet HTML 169Page - Renesas Technology Corp M16C/29 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 142
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figures 13.2
to 13.10 show registers associated with the IC/OC base timer, the time measurement func-
tion, and the waveform generating function.
Figure 13.2 G1BT and G1BCR0 Registers
Base Timer Register(1)
Symbol
Address
After Reset
G1BT
032116 - 032016
Undefined
RW
RW
Function
(b7)
b0
Setting Range
000016 to FFFF16
b8
b15
b7
(b0)
When the base timer is operating:
When read, the value of base timer plus 1 can
be read. When write, the counter starts counting
from the value written. When the base timer is
reset, this register is set to 000016. (2)
When the base timer is reset:
This register is set to 000016 but a value read is
undefined. No value is written. (2)
NOTES:
1. The G1BT register reflects the value of the base timer, synchronizing with the count source fBT1 cycles.
2. This base timer stops only when bits BCK1 to BCK0 in the G1BCR0 register are set to 002 (count source
clock stop). The base timer operates when bits BCK1 to BCK0 are set to other than 002. When the BTS
bit in the G1BCR1 register is set to 0, the base timer is reset continuously, and remaining set to 000016.
When the BTS bit is set to 1, this state is cleared and the timer starts counting.
Base Timer Control Register 0
Symbol
Address
After Reset
G1BCR0
032216
0016
RW
RW
RW
RW
RW
RW
Bit Name
Function
Bit Symbol
: Clock stop
: Do not set to this value
: Two-phase input (1)
: f1 or f2 (2)
b1
0
0
1
1
b0
0
1
0
1
BCK0
BCK1
RST4
Count source
select bit
Channel 7 input
select bit
IT
Base timer
interrupt select bit
0: Bit 15 in the base timer overflows
1: Bit 14 in the base timer overflows
CH7INSEL
0: Do not reset Base timer by matching
G1BTRR
1: Reset Base timer by matching
G1BTRR(3)
NOTES:
1. This setting can be used when bits UD1 to UD0 in the G1BCR1 register are set to 102 (two-
phase signal processing mode). Do not set bits BCK1 and BCK0 to 102 in other modes.
2. When the PCLK0 bit in the PCLKR register is set to 0, the count source is f2 cycles. And when
the PCLK0 bit is set to set to 1, the count source is f1 cycles.
3. When the RST4 bit is set to 1, set the RST1 bit in the G1BCR1 register to 0.
Base timer reset
cause select bit 4
0: P27/OUTC17/INPC17 pin
1: P17/INT5/INPC17/IDU pin
Reserved bit
Set to 0
(b5-b3)
RW
b7 b6 b5 b4 b3 b2 b1 b0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com