Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 166Page - Renesas Technology Corp M16C/29 Datasheet HTML 167Page - Renesas Technology Corp M16C/29 Datasheet HTML 168Page - Renesas Technology Corp M16C/29 Datasheet HTML 169Page - Renesas Technology Corp M16C/29 Datasheet HTML 170Page - Renesas Technology Corp M16C/29 Datasheet HTML 171Page - Renesas Technology Corp M16C/29 Datasheet HTML 172Page - Renesas Technology Corp M16C/29 Datasheet HTML 173Page - Renesas Technology Corp M16C/29 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 146
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 13.6 G1TM0 to G1TM7 Registers, and G1POCR0 to G1POCR7 Registers
Waveform Generation Control Register j (j=0 to 7)
Symbol
Address
After Reset
G1POCR0 to G1POCR3
031016, 031116, 031216, 031316
0X00 XX002
G1POCR4 to G1POCR7
031416, 031516, 031616, 031716
0X00 XX002
RW
RW
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
MOD0
MOD1
Operating mode
select bit
Output initial value
select bit(4)
IVL
RLD
INV
0: "L" output as a default value
1: "H" output as a default value
Inverse output function
select bit (2)
: Single waveform output mode
: SR waveform output mode (1)
: Phase-delayed waveform
output mode
: Do not set to this value
0: Output is not inversed
1: Output is inversed
b1
0
0
1
1
b0
0
1
0
1
G1POj register value
reload timing select bit
NOTES :
1. This setting is enabled only for even channels. In SR waveform output mode, values written to the
corresponding odd channel (next channel after an even channel) are ignored. Even channels
provide waveform output. Odd channels provide no waveform output.
2. The inverse output function is the final step in waveform generating process. When the INV bit is set
to 1, and "H" signal is provided a default output by setting the IVL bit to 0, and an "L" signal is
provided by setting it to 1.
3. In the SR waveform output mode, set not only the even channel but also the correspoinding even
channel (next channel after the even channel).
4. To provide either "H" or "L" signal output set in the IVL bit, set the FSCj bit in the G1FS register to 0
(select waveform generating function) and IFEj bit in the G1FE register to 1 (functions for channel j
enabled). Then set the IVL bit to 0 or 1.
Nothing is assigned. If necessary, set to 0.
When read, their contents are undefined
Nothing is assigned. If necessary, set to 0.
When read, its content is undefined
0: Reloads the G1POj register when
value is written
1: Reloads the G1POj register when
the base timer is reset
(b3-b2)
(b6)
b7 b6 b5 b4 b3 b2 b1 b0
Waveform Generation Register j (j=0 to 7)
Symbol
G1TM0 to G1TM2
G1TM3 to G1TM5
G1TM6 to G1TM7
RW
RO
Function
Setting Range
b15
(b7)
b8
(b0)
Address
030116-030016, 030316-030216, 030516-030416
030716-030616, 030916-030816, 030B16-030A16
030D16-030C16, 030F16-030E16
After Reset
Indeterminte
Indeterminte
Indeterminte
The base timer value is stored every
measurement timing
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com