Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 168Page - Renesas Technology Corp M16C/29 Datasheet HTML 169Page - Renesas Technology Corp M16C/29 Datasheet HTML 170Page - Renesas Technology Corp M16C/29 Datasheet HTML 171Page - Renesas Technology Corp M16C/29 Datasheet HTML 172Page - Renesas Technology Corp M16C/29 Datasheet HTML 173Page - Renesas Technology Corp M16C/29 Datasheet HTML 174Page - Renesas Technology Corp M16C/29 Datasheet HTML 175Page - Renesas Technology Corp M16C/29 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 148
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 13.8 G1FS and G1FE Registers
Function Enable Register(1)
Symbol
Address
After Reset
G1FE
032616
0016
b7 b6 b5 b4 b3 b2 b1 b0
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Bit
Symbol
IFE0
IFE1
IFE2
Channel 0 function enable bit
IFE3
IFE4
IFE5
IFE7
Function
IFE6
0 : Disable function s for channel j (2)
1 : Enable functions for channel j
(j=0 to 7)
Channel 1 function enable bit
Channel 2 function enable bit
Channel 3 function enable bit
Channel 4 function enable bit
Channel 5 function enable bit
Channel 6 function enable bit
Channel 7 function enable bit
NOTES:
1. The G1FE register reflects the base timer value, synchronizing with the count source fBT1 cycles.
2. When functions for the channel j are disabled, each pin functions as an I/O port.
Function Select Register
Symbol
Address
After Reset
G1FS
032716
0016
b7 b6 b5 b4 b3 b2 b1 b0
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Bit
Symbol
FSC0
FSC1
FSC2
Channel 0 time measure-
ment/waveform generating
function select bit
FSC3
FSC4
FSC5
FSC7
Function
FSC6
0: Select the waveform generating
function
1: Select the time measurement
function
Channel 1 Time Measure-
ment/Waveform Generating
Function Select Bit
Channel 2 time measure-
ment/waveform generating
function select bit
Channel 3 time measure-
ment/waveform generating
function select bit
Channel 4 time measure-
ment/waveform generating
function select bit
Channel 5 time measure-
ment/waveform generating
function select bit
Channel 6 time measure-
ment/waveform generating
function select bit
Channel 7 time measure-
ment/waveform generating
function select bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com