Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 165Page - Renesas Technology Corp M16C/29 Datasheet HTML 166Page - Renesas Technology Corp M16C/29 Datasheet HTML 167Page - Renesas Technology Corp M16C/29 Datasheet HTML 168Page - Renesas Technology Corp M16C/29 Datasheet HTML 169Page - Renesas Technology Corp M16C/29 Datasheet HTML 170Page - Renesas Technology Corp M16C/29 Datasheet HTML 171Page - Renesas Technology Corp M16C/29 Datasheet HTML 172Page - Renesas Technology Corp M16C/29 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 145
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 13.5 G1TMCR0 to G1TMCR7 Registers, and G1TPR6 to G1TPR7 Registers
Time Measurement Control Register j (j=0 to 7)
Symbol
G1TMCR0 to G1TMCR3
G1TMCR4 to G1TMCR7
Address
031816, 031916, 031A16, 031B16
031C16, 031D16, 031E16, 031F16
After Reset
0016
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
CTS0
CTS1
DF0
Time measurement
trigger select bit
DF1
Gate function
select bit (2)
GT
GOC
PR
GSC
Digital filter function
select bit
Gate function clear
select bit (2, 3, 4)
0: Gate function is not used
1: Gate function is used
Gate function clear
bit (2, 3)
Prescaler function
select bit (2)
b1
0
0
1
1
b0
0
1
0
1
: No time measurement
: Rising edge
: Falling edge
: Both edges
b3
0
0
1
1
b2
0
1
0
1
: No digital filter
: Do not set to this value
: fBT1
: f1 or f2 (1)
0: Not cleared
1: The gate is cleared when the base
timer matches the G1POk register
The gate is cleared by setting the
GSC bit to 1
0: Not used
1: Used
NOTES:
1. When the PCLK0 bit in the PCLKR register is set to 0, the count source is f2 cycles. And when the
PCLK0 bit is set to 1, the count source is f1 cycles.
2. These bits are in registers G1TMCR6 and G1TMCR7. Set all bits 4 to 7 in registers G1TMCR0 to
G1TMCR5 to 0.
3. These bits are enabled when the GT bit is set to 1.
4. The GOC bit is set to 0 after the gate function is cleared. See Figure 13.7 for details on the G1POk
register (k=4 when j=6 and k=5 when j=7).
b7 b6 b5 b4 b3 b2 b1 b0
Time Measurement Prescale Register j (j=6,7)
(1)
Symbol
Address
After Reset
G1TPR6 to G1TPR7 032416, 032516
0016
RW
RW
Function
Setting Range
As the setting value is n, time is measured when-
ever a trigger input is counted by n+1 (2)
0016 to FF16
NOTES:
1. The G1TPR6 to G1TPR7 registers reflect the base timer value, synchronizing with the count source
fBT1 cycles.
2. The first prescaler, after the PR bit in the G1TMCRj register is changed from 0 (not used) to 1
(used), may be divided by n, rather than n+1. The subsequent prescaler is divided by n+1.
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com