Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 167Page - Renesas Technology Corp M16C/29 Datasheet HTML 168Page - Renesas Technology Corp M16C/29 Datasheet HTML 169Page - Renesas Technology Corp M16C/29 Datasheet HTML 170Page - Renesas Technology Corp M16C/29 Datasheet HTML 171Page - Renesas Technology Corp M16C/29 Datasheet HTML 172Page - Renesas Technology Corp M16C/29 Datasheet HTML 173Page - Renesas Technology Corp M16C/29 Datasheet HTML 174Page - Renesas Technology Corp M16C/29 Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 499 page
background image
13. Timer S
p
u
o
r
G
9
2
/
C
6
1
M
page 147
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 13.7 G1PO0 to G1PO7 Registers
Waveform Generation Register j (j=0 to 7)
Symbol
G1PO0 to G1PO2
G1PO3 to G1PO5
G1PO6 to G1PO7
RW
RW
Function
Setting Range
b15
(b7)
b8
(b0)
Address
030116-030016, 030316-030216, 030516-030416
030716-030616, 030916-030816, 030B16-030A16
030D16-030C16, 030F16-030E16
After Reset
Undefined
Undefined
Undefined
When the RLD bit in the G1POCRj register is
set to 0, value written is immediately reloaded
into the G1POj register for output, for example,
a waveform output,reflecting the value.
When the RLD bit is set to 1, value reloaded
while the base timer is reset.
The value written can be read until reloaded
b7
b0
000016 to FFFF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com