Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 148Page - Renesas Technology Corp M16C/29 Datasheet HTML 149Page - Renesas Technology Corp M16C/29 Datasheet HTML 150Page - Renesas Technology Corp M16C/29 Datasheet HTML 151Page - Renesas Technology Corp M16C/29 Datasheet HTML 152Page - Renesas Technology Corp M16C/29 Datasheet HTML 153Page - Renesas Technology Corp M16C/29 Datasheet HTML 154Page - Renesas Technology Corp M16C/29 Datasheet HTML 155Page - Renesas Technology Corp M16C/29 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 499 page
background image
12. Timer (Three-phase Motor Control Timer Function)
p
u
o
r
G
9
2
/
C
6
1
M
page 128
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.27 INVC1 Register
Three-phase PWM Control Register 1 (1)
Symbol
Address
After Reset
INVC1
034916
0016
b7 b6 b5 b4 b3 b2 b1 b0
Timer A1, A2, A4 start
trigger signal select bit
INV10
Bit Symbol
Bit Name
Function
RW
INV11
Timer A1-1, A2-1, A4-1
control bit
INV12
Dead time timer count
source select bit
INV14
Output polarity control bit
(b7)
Reserved bit
INV16
INV15
Dead time invalid bit
INV13
Carrier wave detect flag (5)
0: Timer B2 underflow
1: Timer B2 underflow and write to the
TB2 register(2)
0: Three-phase mode 0
1: Three-phase mode 1
0: f1 or f2
1: f1 divided by 2 or f2 divided by 2
0: Timer Reload control signal is set to 0
1: Timer Reload control signal is set to 1
0 : Output waveform “L” active
1 : Output waveform “H” active
0: Dead time timer enabled
1: Dead time timer disabled
Set to 0
RW
RW
RW
RW
RW
RW
RW
RO
(3)
Item
Mode
TA11, TA21, TA41 registers
INV00 bit, INV01 bit
INV13 bit
INV11=0
Three-phase mode 1
Three-phase mode 0
Not Used
Has no effect. ICTB2 counted every time
timer B2 underflows regardless of
whether bits INV00 and INV01 are set
Has no effect
INV11=1
Used
Effect
Effective when INV11 bit is 1 and
INV06 bit is 0
(4)
0
4. If the INV06 bit is 1 (sawtooth wave modulation mode), set this bit to 0 (three-phase mode 0). Also, if the INV11 bit is
0, set the PWCON bit to 0 (timer B2 reloaded by a timer B2 underflow).
5. The INV13 bit is effective only when the INV06 bit is set to 0 (triangular wave modulation mode) and the INV11 bit is
set to 1 (three-phase mode 1).
6. If all of the following conditions hold true, set the INV16 bit to 1 (dead time timer triggered by the rising edge of three-
phase output shift register output)
• The INV15 bit is 0 (dead time timer enabled)
• When the INV03 bit is set to 1 (three-phase motor control timer output enabled), the Dij bit and DiBj bit (i:U, V, or
W, j: 0 to 1) have always different values (the positive-phase and negative-phase always output different levels
during the period other than dead time).
Conversely, if either one of the above conditions holds false, set the INV16 bit to 0 (dead time timer triggered by the
falling edge of one-shot pulse).
NOTES:
1. Write to this register after setting the PRC1 bit in the PRCR register to 1 (write enable). Note also that this register
can only be rewritten when timers A1, A2, A4 and B2 are idle.
2. A start trigger is generated by writing to the TB2 register only while timer B2 stops.
3. The effects of the INV11 bit are described in the table below.
0: Falling edge of timer A4, A1 or A2
one-shot pulse
1: Rising edge of three-phase output shift
register (U, V or W phase) output(6)
Dead time timer trigger
select bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com