Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 142Page - Renesas Technology Corp M16C/29 Datasheet HTML 143Page - Renesas Technology Corp M16C/29 Datasheet HTML 144Page - Renesas Technology Corp M16C/29 Datasheet HTML 145Page - Renesas Technology Corp M16C/29 Datasheet HTML 146Page - Renesas Technology Corp M16C/29 Datasheet HTML 147Page - Renesas Technology Corp M16C/29 Datasheet HTML 148Page - Renesas Technology Corp M16C/29 Datasheet HTML 149Page - Renesas Technology Corp M16C/29 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 499 page
background image
12. Timer B
p
u
o
r
G
9
2
/
C
6
1
M
page 122
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 12.22 Operation timing when measuring a pulse width
Figure 12.21 Operation timing when measuring a pulse period
Count source
Measurement pulse
TBiS bit
TBiIC register's
IR bit
Timing at which counter
reaches 000016
“H”
1
Transfer
(undefined value)
“L”
0
0
TBiMR register's
MR3 bit
1
0
NOTES:
1. Counter is initialized at completion of measurement.
2. Timer has overflowed.
3. This timing diagram is for the case where bits MR1 and MR0 in the TBiMR register are 002 (measure the
interval from falling edge to falling edge of the measurement pulse).
(1)
(1)
(2)
Transfer
(measured value)
1
Reload register
counter
transfer timing
Bits TB0S to TB2S are assigned to the bit 5 to bit 7 in the TABSR register.
Set to 0 upon accepting an interrupt request or by program
i = 0 to 2
Measurement pulse
“H”
Count source
Timing at which counter
reaches 000016
1
1
Transfer
(measured value)
Transfer
(measured value)
“L”
0
0
1
0
(1)
(1)
(1)
Transfer
(measured
value)
(1)
(1)
Transfer
(undefined
value)
Reload register
counter
transfer timing
TBiS bit
TBiIC register's
IR bit
The MR3 bit in the
TBiMR register
NOTES:
1. Counter is initialized at completion of measurement.
2. Timer has overflowed.
3. This timing diagram is for the case where bits MR1 to MR0 in the TBiMR register are 102 (measure the interval
from a falling edge to the next rising edge and the interval from a rising edge to the next falling edge of the
measurement pulse).
Bits TB0S to TB2S are assigned to the bit 5 to bit 7 in the TABSR register.
Set to 0 upon accepting an interrupt request or by
program
i = 0 to 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com