Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 113Page - Renesas Technology Corp M16C/29 Datasheet HTML 114Page - Renesas Technology Corp M16C/29 Datasheet HTML 115Page - Renesas Technology Corp M16C/29 Datasheet HTML 116Page - Renesas Technology Corp M16C/29 Datasheet HTML 117Page - Renesas Technology Corp M16C/29 Datasheet HTML 118Page - Renesas Technology Corp M16C/29 Datasheet HTML 119Page - Renesas Technology Corp M16C/29 Datasheet HTML 120Page - Renesas Technology Corp M16C/29 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 499 page
background image
11. DMAC
p
u
o
r
G
9
2
/
C
6
1
M
page 93
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 11.2 DM0SL Register
DMA0 Request Cause Select Register
Symbol
Address
After Reset
DM0SL
03B816
0016
Function
Bit Symbol
b7 b6 b5 b4 b3 b2 b1 b0
DMA request cause
select bit
DSEL0
RW
DSEL1
DSEL2
DSEL3
DSR
Bit Name
DMS
RW
RW
RW
RW
RW
RW
(b5-b4)
Refer to note (1)
A DMA request is generated by
setting this bit to 1 when the DMS bit
is 0 (basic cause) and bits DSEL3 to
DSEL0 are 00012 (software trigger).
The value of this bit when read is 0
Software DMA request
bit
Nothing is assigned. When write, set to 0.
When read, their content are 0
DMA request cause
expansion select bit
0: Basic cause of request
1: Extended cause of request
NOTE:
1. The causes of DMA0 requests can be selected by a combination of DMS bit and bits DSEL3 to DSEL0 in the
manner described below.
DSEL3 to DSEL0 DMS=0(basic cause of request)
DMS=1(extended cause of request)
0 0 0 02
Falling edge of INT0 pin
IC/OC base timer
0 0 0 12
Software trigger
–
0 0 1 02
Timer A0
IC/OC channel 0
0 0 1 12
Timer A1
IC/OC channel 1
0 1 0 02
Timer A2
–
0 1 0 12
Timer A3
–
0 1 1 02
Timer A4
Two edges of INT0 pin
0 1 1 12
Timer B0
–
1 0 0 02
Timer B1
–
1 0 0 12
Timer B2
–
1 0 1 02
UART0 transmit
IC/OC channel 2
1 0 1 12
UART0 receive
IC/OC channel 3
1 1 0 02
UART2 transmit
IC/OC channel 4
1 1 0 12
UART2 receive
IC/OC channel 5
1 1 1 02
A/D conversion
IC/OC channel 6
1 1 1 12
UART1 transmit
IC/OC channel 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com