Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 109Page - Renesas Technology Corp M16C/29 Datasheet HTML 110Page - Renesas Technology Corp M16C/29 Datasheet HTML 111Page - Renesas Technology Corp M16C/29 Datasheet HTML 112Page - Renesas Technology Corp M16C/29 Datasheet HTML 113Page - Renesas Technology Corp M16C/29 Datasheet HTML 114Page - Renesas Technology Corp M16C/29 Datasheet HTML 115Page - Renesas Technology Corp M16C/29 Datasheet HTML 116Page - Renesas Technology Corp M16C/29 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 499 page
background image
10. Watchdog Timer
p
u
o
r
G
9
2
/
C
6
1
M
page 89
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 10.1 Watchdog Timer Block Diagram
10. Watchdog Timer
The watchdog timer is the function of detecting when the program is out of control. Therefore, we recommend
using the watchdog timer to improve reliability of a system. The watchdog timer contains a 15-bit counter which
counts down the clock derived by dividing the CPU clock using the prescaler. Whether to generate a watchdog
timer interrupt request or apply a watchdog timer reset as an operation to be performed when the watchdog timer
underflows after reaching the terminal count can be selected using the PM12 bit in the PM1 register. The PM12
bit can only be set to 1 (reset). Once this bit is set to 1, it cannot be set to 0 (watchdog timer interrupt) in a
program. Refer to 5.3 Watchdog Timer Reset for the details of watchdog timer reset.
When the main clock source is selected for CPU clock, on-chip oscillator clock, PLL clock, the WDC7 bit in the
WDC register value for prescaler can be chosen to be 16 or 128. If a sub-clock is selected for CPU clock, the
prescaler is always 2 no matter how the WDC7 bit is set. The period of watchdog timer can be calculated as
given below. The period of watchdog timer is, however, subject to an error due to the prescaler.
For example, when CPU clock is set to 16 MHz and the divide-by-N value for the prescale ris set to 16, the
watchdog timer period is approx. 32.8 ms.
The watchdog timer is initialized by writing to the WDTS register. The prescaler is initialized after reset. Note that
the watchdog timer and the prescaler both are inactive after reset, so that the watchdog timer is activated to start
counting by writing to the WDTS register.
Write the WDTS register with shorter cycle than the watchdog timer cycle. Set the WDTS register also in the
beginning of the watchdog timer interrupt routine.
In stop mode and wait mode, the watchdog timer and prescaler are stopped. Counting is resumed from the held
value when the modes or state are released.
Figure 10.1
shows the block diagram of the watchdog timer. Figure 10.2 shows the watchdog timer-related
registers.
With main clock source chosen for CPU clock, on-chip oscillator clock, PLL clock
Watchdog timer period =
With sub-clock chosen for CPU clock
Prescaler dividing (2) X Watchdog timer count (32768)
CPU clock
Watchdog timer period =
Prescaler dividing (16 or 128) X Watchdog timer count (32768)
CPU clock
CPU clock
Write to WDTS register
PM12 = 0
Watchdog timer
Set to 7FFF16
1/128
1/16
CM07 = 0
WDC7 = 1
CM07 = 0
WDC7 = 0
CM07 = 1
1/2
Prescaler
PM12 = 1
Reset
PM22 = 0
PM22 = 1
On-chip oscillator clock
Internal reset signal
(low active)
Watchdog timer
interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com