Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 106Page - Renesas Technology Corp M16C/29 Datasheet HTML 107Page - Renesas Technology Corp M16C/29 Datasheet HTML 108Page - Renesas Technology Corp M16C/29 Datasheet HTML 109Page - Renesas Technology Corp M16C/29 Datasheet HTML 110Page - Renesas Technology Corp M16C/29 Datasheet HTML 111Page - Renesas Technology Corp M16C/29 Datasheet HTML 112Page - Renesas Technology Corp M16C/29 Datasheet HTML 113Page - Renesas Technology Corp M16C/29 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 499 page
background image
9. Interrupts
p
u
o
r
G
9
2
/
C
6
1
M
page 86
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Interrupt control circuit
KUPIC register
Key input interrupt
request
KI3
KI2
KI1
KI0
PU25 bit in the PUR2
register
PD10_7 bit in the
PD10 register
Pull-up
transistor
PD10_7 bit in the PD10 register
PD10_6 bit in the
PD10 register
PD10_5 bit in the
PD10 register
PD10_4 bit in the
PD10 register
Pull-up
transistor
Pull-up
transistor
Pull-up
transistor
______
9.7 NMI Interrupt
_______
_______
An NMI interrupt request is generated when input on the NMI pin changes state from high to low, after the
_______
______
NMI interrupt was enabled by writing a 1 to bit 4 in the register PM2. The NMI interrupt is a non-maskable
interrupt, once it is enabled.
_______
The input level of this NMI interrupt input pin can be read by accessing the P8_5 bit in the P8 register.
_______
NMI is disabled by default after reset (the pin is a GPIO pin, P85) and can be enabled using bit 4 in the PM2
register. Once enabled, it can only be disabled by a reset signal.
_______
The NMI input has a digital debounce function for noise rejection. Refer to "19.6 Digital Debounce func-
_______
tion
" for details. When using NMI interrupt to exit stop mode, set the NDDR register to FF16 before entering
stop mode.
9.8 Key Input Interrupt
A key input interrupt is generated when input on any of the P104 to P107 pins which has had bits PD10_7 to
PD10_4 in the PD10 register set to 0 (= input) goes low. Key input interrupts can be used for a key-on
wakeup function to get the MCU to exit stop or wait modes. However, if you intend to use the key input
interrupt, do not use P104 to P107 as analog input ports. Figure 9.12 shows the block diagram of the key
input interrupt. Note, however, that while input on any pin which has had bits PD10_7 to PD10_4 set to 0 (=
input mode) is pulled low, inputs on all other pins of the port are not detected as interrupts.
Figure 9.12 Key Input Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com