Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 108Page - Renesas Technology Corp M16C/29 Datasheet HTML 109Page - Renesas Technology Corp M16C/29 Datasheet HTML 110Page - Renesas Technology Corp M16C/29 Datasheet HTML 111Page - Renesas Technology Corp M16C/29 Datasheet HTML 112Page - Renesas Technology Corp M16C/29 Datasheet HTML 113Page - Renesas Technology Corp M16C/29 Datasheet HTML 114Page - Renesas Technology Corp M16C/29 Datasheet HTML 115Page - Renesas Technology Corp M16C/29 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 499 page
background image
9. Interrupts
p
u
o
r
G
9
2
/
C
6
1
M
page 88
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 9.14 AIER Register, RMAD0 and RMAD1 Registers
• 2-byte op-code instruction
• 1-byte op-code instructions which are followed:
ADD.B:S
#IMM8,dest
SUB.B:S
#IMM8,dest
AND.B:S
#IMM8,dest
OR.B:S
#IMM8,dest
MOV.B:S
#IMM8,dest
STZ.B
#IMM8,dest
STNZ.B
#IMM8,dest
STZX.B
#IMM81,#IMM82,dest
CMP.B:S
#IMM8,dest
PUSHM
src
POPM dest
JMPS
#IMM8
JSRS
#IMM8
MOV.B:S
#IMM,dest (However, dest=A0 or A1)
Instructions other than the above
Instruction at the address indicated by the RMADi register
Value of the PC that is
saved to the stack area
The address
indicated by the
RMADi register +2
The address
indicated by the
RMADi register +1
Value of the PC that is saved to the stack area : Refer to “Saving Registers”.
Op-code is an abbreviation of Operation Code. It is a portion of instruction code.
Refer to Chapter 4 Instruction Code/Number of Cycles in M16C/60, M16C/20 Series Software Manual. Op-code is shown
as a bold-framed figure directly below the Syntax.
Table 9.7 Relationship Between Address Match Interrupt Sources and Associated Registers
Address match interrupt sources Address match interrupt enable bit Address match interrupt register
Address match interrupt 0
AIER0
RMAD0
Address match interrupt 1
AIER1
RMAD1
Bit Name
Bit Symbol
Symbol
Address
After Reset
AIER
000916
XXXXXX002
Address Match Interrupt Enable Register
Function
RW
Address match interrupt 0
enable bit
0 : Interrupt disabled
1 : Interrupt enabled
AIER0
Address match interrupt 1
enable bit
AIER1
Symbol
Address
After Reset
RMAD0
001216 to 001016
X0000016
RMAD1
001616 to 001416
X0000016
b7 b6 b5 b4 b3 b2 b1 b0
Address setting register for address match interrupt
Function
Setting Range
Address Match Interrupt Register i (i = 0 to 1)
0000016 to FFFFF16
0 : Interrupt disabled
1 : Interrupt enabled
b0 b7
b0
b3
(b19)
(b16)
b7
b0
(b15)
(b8)
b7
(b23)
RW
RW
(b7-b2)
RW
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined
Table 9.6 PC Value Saved in Stack Area When Address Match Interrupt Request Is Acknowledged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com