Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 105Page - Renesas Technology Corp M16C/29 Datasheet HTML 106Page - Renesas Technology Corp M16C/29 Datasheet HTML 107Page - Renesas Technology Corp M16C/29 Datasheet HTML 108Page - Renesas Technology Corp M16C/29 Datasheet HTML 109Page - Renesas Technology Corp M16C/29 Datasheet HTML 110Page - Renesas Technology Corp M16C/29 Datasheet HTML 111Page - Renesas Technology Corp M16C/29 Datasheet HTML 112Page - Renesas Technology Corp M16C/29 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 499 page
background image
9. Interrupts
p
u
o
r
G
9
2
/
C
6
1
M
page 85
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Interrupt Request Cause Select Register
Bit Name
Function
Bit Symbol
RW
Symbol
Address
After Reset
IFSR
035F16
0016
IFSR0
b7 b6 b5 b4 b3 b2 b1 b0
INT0 interrupt polarity
switching bit
0 : SI/O3
1 : INT4
0 : SI/O4
1 : INT5
0 : One edge
1 : Both edges
0 : One edge
1 : Both edges
0 : One edge
1 : Both edges
0 : One edge
1 : Both edges
0 : One edge
1 : Both edges
INT1 interrupt polarity
switching bit
INT2 interrupt polarity
switching bit
INT3 interrupt polarity
switching bit
INT4 interrupt polarity
switching bit
INT5 interrupt polarity
switching bit
0 : One edge
1 : Both edges
Interrupt request cause
select bit
Interrupt request cause
select bit
IFSR1
IFSR2
IFSR3
IFSR4
IFSR5
IFSR6
IFSR7
RW
RW
RW
RW
RW
RW
RW
RW
(1)
(1)
(1)
(1)
(1)
(1)
(2)
NOTES:
1. When setting this bit to 1 (both edges), make sure the POL bit in registers INT0IC to INT5IC is set to
0 (falling edge).
2. When setting this bit to 0 (SI/O3, SI/O4), make sure the POL bit in registers S3IC and S4IC is set to
0 (falling edge).
(2)
______
9.6 INT Interrupt
_______
INTi interrupt (i=0 to 5) is triggered by the edges of external inputs. The edge polarity is selected using the
IFSRi bit in the IFSR register.
________
The INT5 input has an effective digital debounce function for a noise rejection. Refer to "19.6 Digital
________
Debounce function
" for this detail. When using INT5 interrupt to exit stop mode, set the P17DDR register
to FF16 before entering stop mode.
________
________
________
To use the INT4 interrupt, set the IFSR6 bit in the IFSR register to 1 (INT4). To use the INT5 interrupt, set
________
the IFSR7 bit in the IFSR register to 1 (INT5).
After modifiying bit IFSR6 or IFSR7, clear the corresponding IR bit to 0 (interrupt not requested) before
enabling the interrupt.
Figure 9.11
shows the IFSR registers.
Figure 9.11 IFSR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com