Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 107Page - Renesas Technology Corp M16C/29 Datasheet HTML 108Page - Renesas Technology Corp M16C/29 Datasheet HTML 109Page - Renesas Technology Corp M16C/29 Datasheet HTML 110Page - Renesas Technology Corp M16C/29 Datasheet HTML 111Page - Renesas Technology Corp M16C/29 Datasheet HTML 112Page - Renesas Technology Corp M16C/29 Datasheet HTML 113Page - Renesas Technology Corp M16C/29 Datasheet HTML 114Page - Renesas Technology Corp M16C/29 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 499 page
background image
9. Interrupts
p
u
o
r
G
9
2
/
C
6
1
M
page 87
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
9.9 CAN0 Wake-up Interrupt
CAN0 wake-up interrupt occurs when a falling edge is input to CRX. The CAN0 wake-up interrupt is en-
abled when the PortEn bit is set to 1 (CTX/CRX function) and Sleep bit is set to 1(Sleep mode enabled) in
the C0CTLR register. Figure 9.13 shows the block diagram of the CAN0 wake-up interrupt.
Figure 9.13 CAN0 Wake-up Interrupt Block Diagram
9.10 Address Match Interrupt
An address match interrupt request is generated immediately before executing the instruction at the ad-
dress indicated by the RMADi register (i=0 to 1). Set the start address of any instruction in the RMADi
register. Use bits AIER1 and AIER0 in the AIER register to enable or disable the interrupt. Note that the
address match interrupt is unaffected by the I flag and IPL. For address match interrupts, the value of the
PC that is saved to the stack area varies depending on the instruction being executed (refer to “Saving
Registers
”).
(The value of the PC that is saved to the stack area is not the correct return address.) Therefore, follow one
of the methods described below to return from the address match interrupt.
• Rewrite the content of the stack and then use the REIT instruction to return.
• Restore the stack to its previous state before the interrupt request was accepted by using the POP or
similar other instruction and then use a jump instruction to return.
Table 9.6
shows the value of the PC that is saved to the stack area when an address match interrupt
request is accepted.
aFigure 9.14
shows registers AIER, RMAD0, and RMAD1.
Interrupt control circuit
C01WKIC register
CAN0 wake-up
interrupt request
CRX
PortEn bit in C0CTLR register
Sleep bit in C0CTLR register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com