Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 248 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 248 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 244Page - Microchip Technology MEC1322 Datasheet HTML 245Page - Microchip Technology MEC1322 Datasheet HTML 246Page - Microchip Technology MEC1322 Datasheet HTML 247Page - Microchip Technology MEC1322 Datasheet HTML 248Page - Microchip Technology MEC1322 Datasheet HTML 249Page - Microchip Technology MEC1322 Datasheet HTML 250Page - Microchip Technology MEC1322 Datasheet HTML 251Page - Microchip Technology MEC1322 Datasheet HTML 252Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 456 page
background image
MEC1322
DS00001719D-page 248
 2014 - 2015 Microchip Technology Inc.
Note 1:
The value of the Pin Control Register 2 for each pin is not shown in the tables above. The default value can
be determined by the current value shown in the “Default Operation” column of the Multiplexing Tables in
Section 1.5.2, "Multiplexing Tables," on page 20 as follows:
2mA: 00000000h
4mA: 00000010h
8mA: 00000020h
12mA: 00000030h
2:
The default slew rate is slow.
3:
The GPIO041 pin defaults to output low. This pin must be reprogrammed to the GPIO function upon power-
up.
20.7
Pin Multiplexing Control
Pin multiplexing depends upon the Mux Control bits in the Pin Control Register. There is a Pin Control Register for
each GPIO signal function. TABLE 20-5: shows default of the register for each GPIO pin.
The registers listed in the Register Summary table are for a single instance of the MEC1322. The addresses of each
register listed in this table are defined as a relative offset to the host “Base Address” defined in the Register Base
Address Table.
Note 20-1
The Base Address indicates where the first register can be accessed in a particular address space
for a block instance.
Note 20-2
The GPIO registers may be accessed by the LPC Host via the EMI block via GPIO commands or by
direct access if enabled by firmware. See the firmware documentation for a description of this access
method.
TABLE 20-6:
REGISTER BASE ADDRESS TABLE
Instance Name
Instance
Number
Host
Address Space
Base Address (
Note 20-1)
GPIO
0
LPC
I/O
Note 20-2
0
EC
32-bit internal
address space
4008_1000h
TABLE 20-7:
REGISTER SUMMARY
Offset
Register Name
000h - 01Ch
GPIO000-GPIO007 Pin Control Register
020h - 03Ch
GPIO010-GPIO017 Pin Control Register
040h - 05Ch
GPIO020-GPIO027 Pin Control Register
060h - 078h
GPIO030-GPIO036 Pin Control Register
080h - 09Ch
GPIO040-GPIO047 Pin Control Register
0A0h - 0BCh
GPIO050-GPIO057 Pin Control Register
0C0h - 0DCh
GPIO060-GPIO067 Pin Control Register
100h - 11Ch
GPIO100-GPIO107 Pin Control Register
120h - 13Ch
GPIO110-GPIO117 Pin Control Register
140h - 15Ch
GPIO120-GPIO127 Pin Control Register
160h - 178h
GPIO130-GPIO136 Pin Control Register
180h - 19Ch
GPIO140-GPIO147 Pin Control Register
1A0h - 1BCh
GPIO150-GPIO157 Pin Control Register
1C0h - 1D4h
GPIO160-GPIO165 Pin Control Register
200h - 210h
GPIO200-GPIO204 Pin Control Register
218h
GPIO206 Pin Control Register
220h - 224h
GPIO210-GPIO211 Pin Control Register
280h
(Note 20-3)
Output GPIO[000:036]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com