Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 252 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 252 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 248Page - Microchip Technology MEC1322 Datasheet HTML 249Page - Microchip Technology MEC1322 Datasheet HTML 250Page - Microchip Technology MEC1322 Datasheet HTML 251Page - Microchip Technology MEC1322 Datasheet HTML 252Page - Microchip Technology MEC1322 Datasheet HTML 253Page - Microchip Technology MEC1322 Datasheet HTML 254Page - Microchip Technology MEC1322 Datasheet HTML 255Page - Microchip Technology MEC1322 Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 456 page
background image
MEC1322
DS00001719D-page 252
 2014 - 2015 Microchip Technology Inc.
Note 20-5
See Section 20.7, "Pin Multiplexing Control," on page 248 for the offset and default values for each
GPIO Pin Control Register.
Note 20-6
The Pin Control Registers for GPIO111-GPIO117 and GPIO120, which are PCI_PIO buffer type pins,
do not have an internal pull-down. This configuration option has no effect on the pin.
8 Output Buffer Type
0 = Push-Pull
1 = Open Drain
Note:
Unless explicitly stated otherwise, pins with (I/O/OD) or
(O/OD) in their buffer type column in the tables in are
compliant with the following Programmable OD/PP Multi-
plexing Design Rule: Each compliant pin has a program-
mable open drain/push-pull buffer controlled by the
Output Buffer Type bit in the associated Pin Control
Register. The state of this bit controls the mode of the
interface buffer for all selected functions, including the
GPIO function.
R/W
Note 20-5
VCC1_R
ESET
7 Edge Enable (edge_en)
0 = Edge detection disabled
1 = Edge detection enabled
Note:
See Table 20-8, "Edge Enable and Interrupt Detection
Bits Definition".
R/W
Note 20-5
VCC1_R
ESET
6:4 Interrupt Detection (int_det)
The interrupt detection bits determine the event that generates a
GPIO_Event.
Note:
See Table 20-8, "Edge Enable and Interrupt Detection
Bits Definition".
R/W
Note 20-5
VCC1_R
ESET
3:2 Power Gating Signals
The Power Gating Signals provide the GPIO pin Power Emulation
options. The pin will be tristated when the selected power well is off
(i.e., gated) as indicated.
The Emulated Power Well column defined in the Multiplexing Tables
in Section 1.5, "Pin Multiplexing," on page 19 indicates the emulation
options supported for each signal. The Signal Power Well column
defines the actual buffer power supply per function.
00 = VCC1 Power Rail
The output buffer is tristated when VCC1GD = 0.
01 = VCC2 Power Rail
The output buffer is tristated when PWRGD = 0.
10 = Reserved
11 = Reserved
R/W
Note 20-5
VCC1_R
ESET
1:0 PU/PD (PU_PD)
These bits are used to enable an internal pull-up.
00 = None
01 = Pull Up Enabled
10 = Pull Down Enabled (Note 20-6)
11 = None
R/W
Note 20-5
VCC1_R
ESET
Offset
See Note 20-5
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com