Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 253 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 253 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 249Page - Microchip Technology MEC1322 Datasheet HTML 250Page - Microchip Technology MEC1322 Datasheet HTML 251Page - Microchip Technology MEC1322 Datasheet HTML 252Page - Microchip Technology MEC1322 Datasheet HTML 253Page - Microchip Technology MEC1322 Datasheet HTML 254Page - Microchip Technology MEC1322 Datasheet HTML 255Page - Microchip Technology MEC1322 Datasheet HTML 256Page - Microchip Technology MEC1322 Datasheet HTML 257Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 253
MEC1322
APPLICATION NOTE:
All GPIO interrupt detection configurations default to '0000', which is low level interrupt.
Having interrupt detection enabled will un-gated the clock to the GPIO module whenever the
interrupt is active, which increases power consumption. Interrupt detection should be
disabled when not required to save power; this is especially true for pin interfaces (i.e., LPC).
20.8.2
PIN CONTROL REGISTER 2
20.8.3
GPIO OUTPUT REGISTERS
If enabled by the Output GPIO Write Enable bit, the GPIO Output bits determine the level on the GPIO pin when the pin
is configured for the GPIO output function.
On writes:
If enabled via the Output GPIO Write Enable
0: GPIO[x] out = ‘0’
1: GPIO[x] out = ‘1’
If disabled via the Output GPIO Write Enable then the GPIO[x] out pin is unaffected by writing this bit.
TABLE 20-8:
EDGE ENABLE AND INTERRUPT DETECTION BITS DEFINITION
Edge
Enable
Interrupt Detection Bits
Selected Function
D7
D6
D5
D4
0000
Low Level Sensitive
0001
High Level Sensitive
0010
Reserved
0011
Reserved
0100
Interrupt events are disabled
0101
Reserved
0110
Reserved
0111
Reserved
1101
Rising Edge Triggered
1110
Falling Edge Triggered
1111
Either edge triggered
Note:
Only edge triggered interrupts can wake up the main ring oscillator. The GPIO must be enabled for edge-
triggered interrupts and the GPIO interrupt must be enabled in the interrupt aggregator in order to wake up
the ring when the ring is shut down.
Offset
See Note 20-5
Bits
Description
Type
Default
Reset
Event
31:6 RESERVED
RES
-
-
5:4 Drive Strength
These bits are used to select the drive strength on the pin.
00 = 2mA
01 = 4mA
10 = 8mA
11 = 12mA
R/W
Note 1: on
page 248
VCC1_R
ESET
3:1 RESERVED
RES
-
-
0 Slew Rate
This bit is used to select the slew rate on the pin.
0 = slow (half frequency)
1 = fast
R/W
0
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com