Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 255 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 255 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 251Page - Microchip Technology MEC1322 Datasheet HTML 252Page - Microchip Technology MEC1322 Datasheet HTML 253Page - Microchip Technology MEC1322 Datasheet HTML 254Page - Microchip Technology MEC1322 Datasheet HTML 255Page - Microchip Technology MEC1322 Datasheet HTML 256Page - Microchip Technology MEC1322 Datasheet HTML 257Page - Microchip Technology MEC1322 Datasheet HTML 258Page - Microchip Technology MEC1322 Datasheet HTML 259Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 255
MEC1322
20.8.3.4
Output GPIO[140:176]
20.8.3.5
Output GPIO[200:236]
20.8.4
GPIO INPUT REGISTERS
The GPIO Input Registers can always be used to read the state of a pin, even when the pin is in an output mode and/or
when a signal function other than the GPIO signal function is selected; i.e., the Pin Control Register Mux Control bits
are not equal to ‘00.’
The MSbit of the Input GPIO registers have been implemented as a read/write scratch pad bit to support processor spe-
cific instructions.
Offset
28Ch (Note 20-3)
Bits
Description
Type
Default
Reset
Event
31:22 RESERVED
RES
-
-
21:16 GPIO[165:160] Output
R/W
00h
VCC1_R
ESET
15:8 GPIO[157:150] Output
R/W
00h
VCC1_R
ESET
7:0 GPIO[147:140] Output
R/W
00h
VCC1_R
ESET
Offset
290h (Note 20-3)
Bits
Description
Type
Default
Reset
Event
31 RESERVED
RES
-
-
30:24 RESERVED
RES
-
-
23:12 RESERVED
RES
-
-
11:10 MCHP Reserved
R/W
00h
VCC1_R
ESET
9:8 GPIO[211:210] Output
R/W
00h
VCC1_R
ESET
7 RESERVED
RES
-
-
6 GPIO206 Output
R/W
00h
VCC1_R
ESET
5 RESERVED
RES
-
-
4:0 GPIO[204:200] Output
R/W
00h
VCC1_R
ESET
Note:
Bits associated with GPIOs that are not implemented are shown as Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com