Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 258 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 258 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 254Page - Microchip Technology MEC1322 Datasheet HTML 255Page - Microchip Technology MEC1322 Datasheet HTML 256Page - Microchip Technology MEC1322 Datasheet HTML 257Page - Microchip Technology MEC1322 Datasheet HTML 258Page - Microchip Technology MEC1322 Datasheet HTML 259Page - Microchip Technology MEC1322 Datasheet HTML 260Page - Microchip Technology MEC1322 Datasheet HTML 261Page - Microchip Technology MEC1322 Datasheet HTML 262Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 456 page
background image
MEC1322
DS00001719D-page 258
 2014 - 2015 Microchip Technology Inc.
21.0 INTERNAL DMA CONTROLLER
21.1
Introduction
The Internal DMA Controller transfers data to/from the source from/to the destination. The firmware is responsible for
setting up each channel. Afterwards either the firmware or the hardware may perform the flow control. The hardware
flow control exists entirely inside the source device. Each transfer may be 1, 2, or 4 bytes in size, so long as the device
supports a transfer of that size. Every device must be on the internal 32-bit address space.
21.2
References
No references have been cited for this chapter
21.3
Terminology
TABLE 21-1:
TERMINOLOGY
Term
Definition
DMA Transfer
This is a complete DMA Transfer which is done after the Master Device
terminates the transfer, the Firmware Aborts the transfer or the DMA
reaches its transfer limit.
A DMA Transfer may consist of one or more data packets.
Data Packet
Each data packet may be composed of 1, 2, or 4 bytes. The size of the data
packet is limited by the max size supported by both the source and the des-
tination. Both source and destination will transfer the same number of bytes
per packet.
Channel
The Channel is responsible for end-to-end (source-to-destination) Data
Packet delivery.
Device
A Device may refer to a Master or Slave connected to the DMA Channel.
Each DMA Channel may be assigned one or more devices.
Master Device
This is the master of the DMA, which determines when it is active.
The Firmware is the master while operating in Firmware Flow Control.
The Hardware is the master while operating in Hardware Flow Control.
The Master Device in Hardware Mode is selected by DMA Channel Con-
trol:Hardware Flow Control Device
. It is the index of the Flow Control
Port.
Slave Device
The Slave Device is defined as the device associated with the targeted
Memory Address.
Source
The DMA Controller moves data from the Source to the Destination. The
Source provides the data. The Source may be either the Master or Slave
Controller.
Destination
The DMA Controller moves data from the Source to the Destination. The
Destination receives the data. The Destination may be either the Master or
Slave Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com