Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 261 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 261 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 257Page - Microchip Technology MEC1322 Datasheet HTML 258Page - Microchip Technology MEC1322 Datasheet HTML 259Page - Microchip Technology MEC1322 Datasheet HTML 260Page - Microchip Technology MEC1322 Datasheet HTML 261Page - Microchip Technology MEC1322 Datasheet HTML 262Page - Microchip Technology MEC1322 Datasheet HTML 263Page - Microchip Technology MEC1322 Datasheet HTML 264Page - Microchip Technology MEC1322 Datasheet HTML 265Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 261
MEC1322
21.5
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
21.5.1
POWER DOMAINS
21.5.2
CLOCK INPUTS
SMBus 3 Controller
6
SMB_SDMA_Req
INPUT
DMA request control from SMBus Slave
channel.
SMB_SDMA_Term
INPUT
DMA termination control from SMBus
Slave channel.
SMB_SDMA_Done
OUTPUT
DMA termination control from DMA Con-
troller to Slave channel.
7
SMB_MDMA_Req
INPUT
DMA request control from SMBus Master
channel.
SMB_MDMA_Term
INPUT
DMA termination control from SMBus Mas-
ter channel.
SMB_MDMA_Done
OUTPUT
DMA termination control from DMA Con-
troller to Master channel.
SPI 0 Controller
8
SPI_SDMA_Req
INPUT
DMA request control from SPI TX channel.
SPI_SDMA_Term
INPUT
DMA termination control from SPI TX
channel. Not supported.
SPI_SDMA_Done
OUTPUT
DMA termination control from DMA Con-
troller to TX Channel. Not supported.
9
SPI_MDMA_Req
INPUT
DMA request control from SPI RX channel.
SPI_MDMA_Term
INPUT
DMA termination control from SPI RX
channel. Not supported.
SPI_MDMA_Done
OUTPUT
DMA termination control from DMA Con-
troller to RX channel. Not supported.
SPI 1 Controller
10
SPI_SDMA_Req
INPUT
DMA request control from SPI TX channel.
SPI_SDMA_Term
INPUT
DMA termination control from SPI TX
channel. Not supported.
SPI_SDMA_Done
OUTPUT
DMA termination control from DMA Con-
troller to TX Channel. Not supported.
11
SPI_MDMA_Req
INPUT
DMA request control from SPI RX channel.
SPI_MDMA_Term
INPUT
DMA termination control from SPI RX
channel. Not supported.
SPI_MDMA_Done
OUTPUT
DMA termination control from DMA Con-
troller to RX channel. Not supported.
TABLE 21-4:
POWER SOURCES
Name
Description
VCC1
This power well sources the registers and logic in this block.
TABLE 21-5:
CLOCK INPUTS
Name
Description
48 MHz Ring Oscillator
This clock signal drives selected logic (e.g., counters).
TABLE 21-3:
DMA CONTROLLER MASTER DEVICES SIGNAL LIST (CONTINUED)
Device Name
Dev
Num
(
21.5)
Device Signal Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com