Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 265 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 265 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 261Page - Microchip Technology MEC1322 Datasheet HTML 262Page - Microchip Technology MEC1322 Datasheet HTML 263Page - Microchip Technology MEC1322 Datasheet HTML 264Page - Microchip Technology MEC1322 Datasheet HTML 265Page - Microchip Technology MEC1322 Datasheet HTML 266Page - Microchip Technology MEC1322 Datasheet HTML 267Page - Microchip Technology MEC1322 Datasheet HTML 268Page - Microchip Technology MEC1322 Datasheet HTML 269Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 265
MEC1322
21.9.1
DMA MAIN CONTROL
21.9.2
DMA DATA PACKET
Note 21-2
The letter ‘N’ following DMA Channel indicates the Channel Number. Each Channel implemented will
have these registers to determine that channel’s operation.
21.9.3
DMA CHANNEL N ACTIVATE
Offset
00h
Bits
Description
Type
Default
Reset
Event
7:2 Reserved
R
-
-
1 SOFT_RESET
Soft reset the entire module.
This bit is self-clearing.
W0b
-
0 ACTIVATE
Enable the blocks operation.
1=Enable block. Each individual channel must be enabled separately.
0=Disable all channels.
R/WS
0b
RESET
Offset
04h
Bits
Description
Type
Default
Reset
Event
31:0 DATA_PACKET
Debug register that has the data that is stored in the Data Packet.
This data is read data from the currently active transfer source.
R
0000h
-
TABLE 21-10: CHANNEL EC-ONLY REGISTER SUMMARY
Offset
Register Name (Mnemonic)
(
Note 21-2)
00h
DMA Channel N Activate
04h
DMA Channel N Memory Start Address
08h
DMA Channel N Memory End Address
0Ch
DMA Channel N Device Address
10h
DMA Channel N Control
14h
DMA Channel N Interrupt Status
18h
DMA Channel N Interrupt Enable
Offset
00h
Bits
Description
Type
Default
Reset
Event
7:1 Reserved
R
-
-
0 CHANNEL_ACTIVATE
Enable this channel for operation.
The DMA Main Control:Activate must also be enabled for this chan-
nel to be operational.
R/W
0h
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com